Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27200ADRMR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27200ADRMR
Description  120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27200ADRMR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27200ADRMR Datasheet HTML 6Page - Texas Instruments UCC27200ADRMR Datasheet HTML 7Page - Texas Instruments UCC27200ADRMR Datasheet HTML 8Page - Texas Instruments UCC27200ADRMR Datasheet HTML 9Page - Texas Instruments UCC27200ADRMR Datasheet HTML 10Page - Texas Instruments UCC27200ADRMR Datasheet HTML 11Page - Texas Instruments UCC27200ADRMR Datasheet HTML 12Page - Texas Instruments UCC27200ADRMR Datasheet HTML 13Page - Texas Instruments UCC27200ADRMR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
-50
-25
0
25
100
125
14
18
22
26
32
36
50
75
150
16
20
24
30
34
T
A - Temperature -
o
C
28
TDLFF
TDLRR
TDHFF
TDHRR
V
DD = VHD = 12 V
14
18
22
26
30
36
16
20
24
28
34
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
25
50
32
TDLFF
TDLRR
TDHFF
TDHRR
V
DD = VHB = 12 V
5.8
6.2
6.6
7.0
7.4
7.8
6.0
6.4
6.8
7.2
7.6
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
25
50
VDD Rising Threshold
HB Rising Threshold
-50
-25
0
75
100
125
150
T
A - Temperature -
oC
0
0.2
0.4
0.6
0.8
25
50
0.1
0.3
0.5
0.7
VDD UVLO Hysteresis
HB UVLO Hysteresis
-50
-25
0
25
100
125
T
A - Temperature -
oC
0.05
0.15
0.25
0.35
0.45
50
75
150
0.0
0.10
0.20
0.30
0.40
I
LO = IHO = -100 mA
VDD = VHB = 16 V
VDD = VHB = 12 V
VDD = VHB = 8 V
VDD = VHB = 20 V
-50
-25
0
25
100
125
T
A - Temperature -
oC
0.05
0.15
0.25
0.35
0.45
50
75
150
0.0
0.10
0.20
0.30
0.40
I
LO = IHO = 100 mA
VDD = VHB = 16 V
VDD = VHB = 12 V
VDD = VHB = 8 V
VDD = VHB = 20 V
UCC27200A, UCC27201A
SLUSAF9B – FEBRUARY 2011 – REVISED JULY 2015
www.ti.com
Typical Characteristics (continued)
Figure 10. Lo and Ho High Level Output Voltage vs
Figure 11. Lo and Ho Low Level Output Voltage vs
Temperature
Temperature
Figure 12. Undervoltage Lockout Threshold vs Temperature
Figure 13. Undervoltage Lockout Threshold Hysteresis vs
Temperature
Figure 14. UCC27200A Propagation Delays vs Temperature
Figure 15. UCC27201A Propagation Delays vs Temperature
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: UCC27200A UCC27201A


Similar Part No. - UCC27200ADRMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200ADRMR TI1-UCC27200ADRMR Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27200ADRMR TI1-UCC27200ADRMR Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results

Similar Description - UCC27200ADRMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com