Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27424MDGNREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27424MDGNREP
Description  Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27424MDGNREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC27424MDGNREP Datasheet HTML 7Page - Texas Instruments UCC27424MDGNREP Datasheet HTML 8Page - Texas Instruments UCC27424MDGNREP Datasheet HTML 9Page - Texas Instruments UCC27424MDGNREP Datasheet HTML 10Page - Texas Instruments UCC27424MDGNREP Datasheet HTML 11Page - Texas Instruments UCC27424MDGNREP Datasheet HTML 12Page - Texas Instruments UCC27424MDGNREP Datasheet HTML 13Page - Texas Instruments UCC27424MDGNREP Datasheet HTML 14Page - Texas Instruments UCC27424MDGNREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
−50
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
125
−25
0
25
50
100
75
TJ − Temperature (°C)
VDD = 15 V
VDD = 10 V
VDD = 4.5 V
10 nF Between Output and GND
50 µs/div
0 V
VDD
OUT
UCC27423-EP, UCC27424-EP
www.ti.com
SLUS704C – FEBRUARY 2007 – REVISED DECEMBER 2014
Typical Characteristics (continued)
IN = GND
ENBL = VDD
Figure 22. Output Behavior vs VDD (Noninverting)
Figure 23. Input Threshold vs Temperature
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UCC27423-EP UCC27424-EP


Similar Part No. - UCC27424MDGNREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27424MDGNREP TI1-UCC27424MDGNREP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC27424MDGNREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com