Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28251RGPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28251RGPR
Description  Advanced PWM Controller With Prebias Operation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28251RGPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28251RGPR Datasheet HTML 5Page - Texas Instruments UCC28251RGPR Datasheet HTML 6Page - Texas Instruments UCC28251RGPR Datasheet HTML 7Page - Texas Instruments UCC28251RGPR Datasheet HTML 8Page - Texas Instruments UCC28251RGPR Datasheet HTML 9Page - Texas Instruments UCC28251RGPR Datasheet HTML 10Page - Texas Instruments UCC28251RGPR Datasheet HTML 11Page - Texas Instruments UCC28251RGPR Datasheet HTML 12Page - Texas Instruments UCC28251RGPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
-45
135
T
J - Temperature - °C
2.60
2.70
2.85
45
2.75
2.65
15
-15
75
105
2.80
F
SW = 200 kHz
-45
135
T
J - Temperature - °C
26.8
27.1
27.4
45
27.2
26.9
15
-15
75
105
27.3
27.0
-45
135
T
J - Temperature - °C
3.93
4.09
4.17
4.41
45
4.25
4.01
15
-15
75
105
4.33
Turn On
Turn Off
-45
135
T
J - Temperature - °C
0.190
0.200
0.205
0.225
45
0.210
0.195
15
-15
75
105
0.220
0.215
100
120
140
160
180
200
220
240
−45
−15
15
45
75
105
135
TJ − Temperature (°C)
VDD = 3.6V
G000
375
390
405
420
435
450
465
−45
−15
15
45
75
105
135
TJ − Temperature (°C)
VDD = 12V
G000
9
UCC28251
www.ti.com
SLUSBD8E – FEBRUARY 2013 – REVISED DECEMBER 2014
Product Folder Links: UCC28251
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
7.6 Typical Characteristics
Figure 1. Start-Up Current vs Temperature
Figure 2. Stand-By Current vs Temperature
Figure 3. UVLO Thresholds vs Temperature
Figure 4. UVLO Voltage Lockout Hysteresis vs Temperature
Figure 5. Operating Supply Current vs Temperature
Figure 6. Soft-Start Current vs Temperature


Similar Part No. - UCC28251RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28251RGPR TI1-UCC28251RGPR Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28251RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com