Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB1815-T3 Datasheet(PDF) 7 Page - Abracon Corporation

Part # AB1815-T3
Description  Real-Time Clock with Power
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB1815-T3 Datasheet(HTML) 7 Page - Abracon Corporation

Back Button AB1815-T3 Datasheet HTML 3Page - Abracon Corporation AB1815-T3 Datasheet HTML 4Page - Abracon Corporation AB1815-T3 Datasheet HTML 5Page - Abracon Corporation AB1815-T3 Datasheet HTML 6Page - Abracon Corporation AB1815-T3 Datasheet HTML 7Page - Abracon Corporation AB1815-T3 Datasheet HTML 8Page - Abracon Corporation AB1815-T3 Datasheet HTML 9Page - Abracon Corporation AB1815-T3 Datasheet HTML 10Page - Abracon Corporation AB1815-T3 Datasheet HTML 11Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AB18X5 Real-Time Clock with Power
Management Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 7 of 37
Abracon Drawing #453568
Revision: C
4. Package Pins
4.1 Pin Configuration and Connections
Figure 2 and Table 2 show the QFN-16 pin configurations for the AB18X5 parts. Pins labeled NC must be
left unconnected. The thermal pad, pin 17, on the QFN-16 packages must be connected to VSS.
Figure 2. Pin Configuration Diagram
Table 2: Pin Connections
Pin Name
Pin Type
Function
Pin Number
AB1805
AB1815
VSS
Power
Ground
9,17
17
VCC
Power
System power supply
13
13
XI
XT
Crystal input
16
16
XO
XT
Crystal output
15
15
AF
Output
Autocalibration filter
14
14
VBAT
Power
Battery power supply
5
5
SCL
Input
I2C or SPI interface clock
77
SDO
Output
SPI data output
6
SDI
Input
SPI data input
9
nCE
Input
SPI chip select
12
SDA
Input
I2C data input/output
6
EXTI
Input
External interrupt input
10
10
WDI
Input
Watchdog reset input
2
2
nEXTR
Input
External reset input
3
3
FOUT/nIRQ
Output
Int 1/function output
11
11
nIRQ2
Output
Int 2 output
4
4
CLKOUT/nIRQ3
Output
Int 3/clock output
8
8
nTIRQ
Output
Timer interrupt output
12
nRST
Output
Reset output
1
1
nRST
WDI
nEXTR
FOUT/nIRQ
EXTI
VSS
nTIRQ
1
nRST
WDI
nEXTR
FOUT/nIRQ
EXTI
SDI
nCE
1
PSW/nIRQ2
PSW/nIRQ2
AB1805
AB1815
VSS
PAD
VSS
PAD


Similar Part No. - AB1815-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB1815-T3 ABRACON-AB1815-T3 Datasheet
1Mb / 13P
   The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
AB1815-T3 ABRACON-AB1815-T3 Datasheet
655Kb / 37P
   Baseline timekeeping features
Revision: C
More results

Similar Description - AB1815-T3

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com