Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2806MTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC2806MTRG4
Description  LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2806MTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2806MTRG4 Datasheet HTML 1Page - Texas Instruments UCC2806MTRG4 Datasheet HTML 2Page - Texas Instruments UCC2806MTRG4 Datasheet HTML 3Page - Texas Instruments UCC2806MTRG4 Datasheet HTML 4Page - Texas Instruments UCC2806MTRG4 Datasheet HTML 5Page - Texas Instruments UCC2806MTRG4 Datasheet HTML 6Page - Texas Instruments UCC2806MTRG4 Datasheet HTML 7Page - Texas Instruments UCC2806MTRG4 Datasheet HTML 8Page - Texas Instruments UCC2806MTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
UCC1806
UCC2806
UCC3806
SLUS272F -- FEBRUARY 2000 -- REVISED AUGUST 2006
3
www.ti.com
ORDERING INFORMATION
PACKAGED DEVICES
TA =TJ
DESIGNATOR
TYPE
OPTION
QUANTITY
-- 55°C to 125°C
-- 40°Cto85°C
0°Cto70°C
D
SOIC 16
Tube
40
UCC2806D
D
SOIC--16
Reeled
2,500
UCC2806DTR
DW
SOICW 16
Tube
40
UCC2806DW
UCC3806DW
DW
SOICW--16
Reeled
2,000
UCC2806DWTR
UCC3806DWTR
J
CDIP--16
Tube
25
UCC1806J
UCC2806J
UCC3806J
L
CLCC--20
Tube
55
UCC1806L
M
SSOP--16
Reeled
2,500
UCC2806MTR
N
PDIP--16
Tube
25
UCC2806N
UCC3806N
PW
TSSOP 16
Tube
90
UCC2806PW
UCC3806PW
PW
TSSOP--16
Reeled
2,000
UCC2806PWTR
UCC3806PWTR
Q
PLCC 20
Tube
46
UCC2806Q
UCC3806Q
Q
PLCC--20
Reeled
1,000
UCC2806QTR
UCC3806QTR
ELECTRICAL CHARACTERISTICS
VIN =12V,RT =33kΩ,CT = 330 pF, CBYPASS on VREF =0.01 μF, --55°C<TA < 125°C for the UCC1806, --40°C<TA <85°Cfor the
UCC2806, 0°C<TA <70°C for the UCC3806, and TA =TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
VREF
Supply,UVLO, turn-on
UCC1806
UCC2806
5.02
5.10
5.17
V
VREF
Supply, UVLO, turn on
UCC3806
5.00
5.10
5.20
V
Load regulation
0.2 mA ≤ IOUT ≤ 5mA
3
25
mV
Total output variation (1)(2)
Line, load, temperature
--150
150
mV
Output noise voltage (2)
10 Hz ≤ fOSC ≤ 10 kHz,
TJ =25°C
70
μV
Long term stability (2)
TA = 125°C,
1000 hours
5
25
mV
Output short circuit
--10
--30
mA
OSCILLATOR
Initial accuracy
TJ =25°C
42
47
52
kHz
Temperature stability (2)
T(min) ≤ TA ≤ T(max)
2%
Amplitude
2.35
V
t
Delay to output time SYNC
UCC1806
UCC2806
VCT =0V,
VRT =VREF
0.8 V ≤ VSYNC ≤ 2.0 V
50
125
ns
tDELAY
Delay-to-output time, SYNC
UCC3806
VCT =0V,
VRT =VREF
0.8 V ≤ VSYNC ≤ 2.0 V
50
100
ns


Similar Part No. - UCC2806MTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2806MTRG4 TI1-UCC2806MTRG4 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC2806MTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
   Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Texas Instruments
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com