Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28710D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28710D
Description  Constant-Voltage, Constant-Current Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28710D Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28710D Datasheet HTML 2Page - Texas Instruments UCC28710D Datasheet HTML 3Page - Texas Instruments UCC28710D Datasheet HTML 4Page - Texas Instruments UCC28710D Datasheet HTML 5Page - Texas Instruments UCC28710D Datasheet HTML 6Page - Texas Instruments UCC28710D Datasheet HTML 7Page - Texas Instruments UCC28710D Datasheet HTML 8Page - Texas Instruments UCC28710D Datasheet HTML 9Page - Texas Instruments UCC28710D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
UCC28710, UCC28711, UCC28712, UCC28713, UCC28714, UCC28715, UCC28716
SLUSB86B – NOVEMBER 2012 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range, VVDD = 25 V, HV = open, RCBC(NTC) = open, TA = –40 °C to 125 °C, TA = TJ
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMING
fSW(max)
Maximum switching frequency
VVS = 3.7 V
92
100
106
kHz
UCC28710
UCC28711
VVS = 4.35 V
600
680
755
UCC28712
fSW(min)
Minimum switching frequency
Hz
UCC28713
VVS = 4.35 V
UCC28714
340
VVS = 4.35 V
UCC28715
1500
tZTO
Zero-crossing timeout delay
1.80
2.10
2.55
µs
PROTECTION
VOVP
Over-voltage threshold
At VS input, TJ = 25 °C
(1)
4.55
4.60
4.71
V
VOCP
Over-current threshold
At CS input
1.4
1.5
1.6
IVSL(run)
VS line-sense run current
Current out of VS pin increasing
190
225
275
µA
IVSL(stop)
VS line-sense stop current
Current out of VS pin decreasing
70
80
100
KVSL
VS line sense ratio
IVSL(run) / IVSL(stop)
2.45
2.80
3.05
A/A
TJ(stop)
Thermal shut-down temperature
Internal junction temperature
165
°C
CABLE COMPENSATION
UCC28710
Cable compensation maximum
VCBC(max)
Voltage at CBC at full load
UCC28714
2.9
3.2
3.5
V
voltage
UCC28715
UCC28710
VCBC = open, change in VS
VCVS(min)
Compensation at VS
UCC28714
-55
-15
25
regulating level at full load
UCC28715
mV
UCC28710
VCBC = 0 V, change in VS regulating
VCVS(max) Maximum compensation at VS
UCC28714
275
320
375
level at full load
UCC28715
UCC28711
–55
–15
25
Change in VS regulating level at full
VCVS
Compensation at VS
UCC28712
103
mV
load
UCC28713
206
NTC INPUT
UCC28711
Fault UVLO cycle when below this
VNTCTH
NTC shut-down threshold
UCC28712
0.90
0.95
1.00
V
threshold
UCC28713
UCC28711
INTC
NTC pull-up current
Current out of pin
UCC28712
90
105
125
µA
UCC28713
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: UCC28710 UCC28711 UCC28712 UCC28713 UCC28714 UCC28715 UCC28716


Similar Part No. - UCC28710D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28710D TI-UCC28710D Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710DR TI-UCC28710DR Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results

Similar Description - UCC28710D

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
ON Semiconductor
NCS1002A ONSEMI-NCS1002A Datasheet
101Kb / 9P
   Constant Voltage / Constant Current SecondarySide Controller
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com