Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2806PWG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC2806PWG4
Description  LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2806PWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC2806PWG4 Datasheet HTML 4Page - Texas Instruments UCC2806PWG4 Datasheet HTML 5Page - Texas Instruments UCC2806PWG4 Datasheet HTML 6Page - Texas Instruments UCC2806PWG4 Datasheet HTML 7Page - Texas Instruments UCC2806PWG4 Datasheet HTML 8Page - Texas Instruments UCC2806PWG4 Datasheet HTML 9Page - Texas Instruments UCC2806PWG4 Datasheet HTML 10Page - Texas Instruments UCC2806PWG4 Datasheet HTML 11Page - Texas Instruments UCC2806PWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
UCC1806
UCC2806
UCC3806
SLUS272F -- FEBRUARY 2000 -- REVISED AUGUST 2006
8
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
UDG--99035
10
7
3
8
SYNC
9
RT
+
--
4.4V
+
--
1.5 V
OSC
LO
CT
+
--
3X
4
+
--
5
+
--
EA
6
1
S1
QB
R
S2
13 VC
11 AOUT
14 BOUT
12 GND
T
Q
QB
Shutdown
Lockout
S1
Q
R
S2
+
--
+
--
16
1.0 V
0.35 V
Q
R
S
Current Limit
Restart
UVLO
15
+
--
+
--
15 V
5.1 V
Reference
Regulator
+
--
Reference Low
4.25 V
2
CURLIM
SHUT
VREF
0.5 V
--
+
Comparator
7.0 V
7.5 V
CS--
CS+
NI
INV
COMP
VIN
S
Q
R
200kΩ
200 μA
120 μA
DOWN


Similar Part No. - UCC2806PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2806PWG4 TI1-UCC2806PWG4 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC2806PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
   Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Texas Instruments
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com