Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABBTM-NVC-MDCS71-MESH Datasheet(PDF) 4 Page - Abracon Corporation

Part # ABBTM-NVC-MDCS71-MESH
Description  Low Power Bluetooth Module (supporting CSRmesh)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABBTM-NVC-MDCS71-MESH Datasheet(HTML) 4 Page - Abracon Corporation

  ABBTM-NVC-MDCS71-MESH Datasheet HTML 1Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 2Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 3Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 4Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 5Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 6Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 7Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 8Page - Abracon Corporation ABBTM-NVC-MDCS71-MESH Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Low Power Bluetooth Module (supporting CSRmesh)
Pb
ABRACON IS
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
| | | | | | | | | | | | | | |
I/O CHARACTERISTICS
RoHS/RoHS II compliant
19.5 x 12.5 x 2.4 mm SMT
Digital I/O Characteristics
Supply Voltage Levels
Min
Typ
Max
Unit
Input Voltage Levels
VIL input logic level low
-0.4
0.4
V
VIH input logic level high
0.7*VDD
VDD + 0.4
V
Tr/Tf
25
ns
Output Voltage Levels
VOL output logic level low, IOL = 4.0mA
0.4
V
VOH output logic level high, IOH = -4.0mA
0.75*VDD
V
Tr/Tf
5
ns
Input and Tri-state Current
With strong pull-up
-150
-40
-10
μA
With strong pull-down
10
40
150
μA
With weak pull-up
-5.0
-1.0
-0.33
μA
With weak pull-down
0.33
+1.0
5.0
μA
CI Input Capacitance
1.0
5.0
pF
AIO Characteristics
Input Voltage Levels
Min
Typ
Max
Unit
AIO
0
1.3
V
ESD Protection
Condition
Class
Max Rating
Human Body Model Contact Discharge per JEDEC EIA/JESD22-A114
2
2000V (all pins)
Machine Model Contact Discharge per JEDEC EIA/JESD22-A115
200V
200V (all pins)
Charged Device Model Contact Discharge per JEDEC EIA/JESD22-C101
III
500V (all pins)
ABBTM-NVC-MDCS71-MESH
RoHS
ABBTM- NVC-MDCS71-MESH
FCC ID: OC3BM1871
DC: 1508
LLC
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 06.29.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Similar Part No. - ABBTM-NVC-MDCS71-MESH

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABBTM-NVC-MDCS71 ABRACON-ABBTM-NVC-MDCS71 Datasheet
6Mb / 10P
   Low Power Bluetooth Module
06.29.15
More results

Similar Description - ABBTM-NVC-MDCS71-MESH

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABBTM-NVC-MDCS71 ABRACON-ABBTM-NVC-MDCS71 Datasheet
6Mb / 10P
   Low Power Bluetooth Module
06.29.15
logo
Panasonic Semiconductor
PAN1721 PANASONIC-PAN1721 Datasheet
693Kb / 2P
   ULTRA LOW POWER, BLUETOOTH LOW ENERGY MODULE
logo
List of Unclassifed Man...
F2M03GLA ETC2-F2M03GLA Datasheet
914Kb / 44P
   Low power Bluetooth??Module with antenna
logo
LAPIS Semiconductor Co....
ML7125-001 LAPIS-ML7125-001 Datasheet
1Mb / 33P
   Bluetooth Smart LSI supporting Core Specification
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
   Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
   Bluetooth Low Energy Module
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
   Bluetooth Low Energy Module
07/14/15
logo
Skyworks Solutions Inc.
SKY66111 SKYWORKS-SKY66111_11 Datasheet
184Kb / 2P
   Low-Power Bluetooth Low Energy Front-End Module
logo
Mitsumi Electronics, Co...
WML-C69 MITSUMI-WML-C69 Datasheet
210Kb / 2P
   Bluetooth Low Energy Module
logo
Panasonic Semiconductor
PAN1720 PANASONIC-PAN1720 Datasheet
1Mb / 39P
   Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com