Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28712DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28712DR
Description  Constant-Voltage, Constant-Current Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28712DR Datasheet(HTML) 4 Page - Texas Instruments

  UCC28712DR Datasheet HTML 1Page - Texas Instruments UCC28712DR Datasheet HTML 2Page - Texas Instruments UCC28712DR Datasheet HTML 3Page - Texas Instruments UCC28712DR Datasheet HTML 4Page - Texas Instruments UCC28712DR Datasheet HTML 5Page - Texas Instruments UCC28712DR Datasheet HTML 6Page - Texas Instruments UCC28712DR Datasheet HTML 7Page - Texas Instruments UCC28712DR Datasheet HTML 8Page - Texas Instruments UCC28712DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
UCC28710, UCC28711, UCC28712, UCC28713, UCC28714, UCC28715, UCC28716
SLUSB86B – NOVEMBER 2012 – REVISED JULY 2015
www.ti.com
Pin Functions (continued)
PIN
UCC28710
UCC28711
I/O
DESCRIPTION
NAME
UCC28714
UCC28712
UCC28715
UCC28713
Voltage sense is an input used to provide voltage and timing feedback to the
controller. This pin is connected to a voltage divider between an auxiliary winding and
VS
2
2
I
GND. The value of the upper resistor of this divider is used to program the AC-mains
run and stop thresholds and line compensation at the CS pin.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VHV
Start-up pin voltage, HV
700
V
VVDD
Bias supply voltage, VDD
38
IDRV
Continuous gate current sink
50
IDRV
Continuous gate current source
Self- limiting
mA
IVS
Peak current, VS
−1.2
VDRV
Gate drive voltage at DRV
−0.5
Self- limiting
VS
−0.75
7
V
Voltage
CS, CBC, NTC
−0.5
5
TJ
Operating junction temperature
−55
150
°C
Lead temperature 0.6 mm from case for 10 s
260
Tstg
Storage temperature
−65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages
are with respect to GND. Currents are positive into, negative out of the specified terminal. These ratings apply over the operating
ambient temperature ranges unless otherwise noted.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. .
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VDD
Bias supply operating voltage
9
35
V
CVDD
VDD bypass capacitor
0.047
1
µF
RCBC
Cable-compensation resistance
10
k
Ω
IVS
VS pin current
−1
mA
TJ
Operating junction temperature
−40
125
°C
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: UCC28710 UCC28711 UCC28712 UCC28713 UCC28714 UCC28715 UCC28716


Similar Part No. - UCC28712DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28712 TI-UCC28712 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28712 TI1-UCC28712 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results

Similar Description - UCC28712DR

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
ON Semiconductor
NCS1002A ONSEMI-NCS1002A Datasheet
101Kb / 9P
   Constant Voltage / Constant Current SecondarySide Controller
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com