Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3091D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS3091D
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3091D Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS3091D Datasheet HTML 3Page - Texas Instruments THS3091D Datasheet HTML 4Page - Texas Instruments THS3091D Datasheet HTML 5Page - Texas Instruments THS3091D Datasheet HTML 6Page - Texas Instruments THS3091D Datasheet HTML 7Page - Texas Instruments THS3091D Datasheet HTML 8Page - Texas Instruments THS3091D Datasheet HTML 9Page - Texas Instruments THS3091D Datasheet HTML 10Page - Texas Instruments THS3091D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
-40
°C to
MIN/TYP/
25
°C
25
°C
UNIT
70
°C
85
°C
MAX
OUTPUT CHARACTERISTICS
RL = 1 kΩ
±3.4
±3.1
±2.8
±2.8
Output voltage swing
V
MIN
RL = 100 Ω
±3.1
±2.7
±2.5
±2.5
Output current (sourcing)
RL = 40 Ω
200
160
140
140
mA
MIN
Output current (sinking)
RL = 40 Ω
180
150
125
125
mA
MIN
Output impedance
f = 1 MHz, Closed loop
0.09
TYP
POWER SUPPLY
Specified operating voltage
±5
±4.5
±4.5
±4.5
V
MAX
Maximum quiescent current
8.2
9
9.5
9.5
mA
MAX
Minimum quiescent current
8.2
7
6.5
6.5
mA
MIN
Power supply rejection (+PSRR)
VS+ = 5.5 V to 4.5 V, VS– = 5 V
73
68
63
63
dB
MIN
Power supply rejection (-PSRR)
VS+ = 5 V, VS– = –4.5 V to -5.5 V
71
65
60
60
dB
MIN
POWER-DOWN CHARACTERISTICS (THS3095 ONLY)
Enable, REF = 0 V
≤0.8
Power-down voltage level
V
MAX
Power-down , REF = 0 V
≥ 2
Power-down quiescent current
PD = 0V
300
500
600
600
µA
MAX
VPD = 0 V, REF = 0 V,
11
15
20
20
VPD quiescent current
µA
MAX
VPD = 3.3 V, REF = 0 V
11
15
20
20
Turnon time delay
90% of final value
60
µs
TYP
Turnoff time delay
10% of final value
150
7


Similar Part No. - THS3091D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091D TI1-THS3091D Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091D TI-THS3091D Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3091D TI-THS3091D Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091DDA TI1-THS3091DDA Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DDA TI-THS3091DDA Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
More results

Similar Description - THS3091D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com