Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS315.0W01-TS3 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AFS315.0W01-TS3
Description  AFS315.0W01-TS3 SMD 315.0MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS315.0W01-TS3 Datasheet(HTML) 2 Page - Abracon Corporation

  AFS315.0W01-TS3 Datasheet HTML 1Page - Abracon Corporation AFS315.0W01-TS3 Datasheet HTML 2Page - Abracon Corporation AFS315.0W01-TS3 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FREQUENCY CHARACTERISTIC
|||||||| | | | | | | |
Revised: 08.11.11
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Pb RoHS
Visit www.abracon.com for Terms & Conditions of Sale
AFS315.0W01-TS3
AFS315.0W01-TS3 SMD 315.0MHz SAW Filter
OUTLINE DIMEMSION:
Dimensions: mm
3.8 x 3.8 x 1.3 mm


Similar Part No. - AFS315.0W01-TS3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
   SMD 315.0 MHz SAW FILTER
More results

Similar Description - AFS315.0W01-TS3

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA09065 GOLLEDGE-MA09065 Datasheet
196Kb / 5P
   SAW Filter: 315.0MHz
MP07597 GOLLEDGE-MP07597 Datasheet
260Kb / 5P
   SAW Filter 315.0MHz
MP07512 GOLLEDGE-MP07512 Datasheet
227Kb / 6P
   SAW Filter 315.0MHz
MP03963 GOLLEDGE-MP03963 Datasheet
83Kb / 5P
   SAW Filter 315.0MHz
MA09382 GOLLEDGE-MA09382 Datasheet
141Kb / 4P
   315.0MHz SAW Filter
logo
Integrated Technology F...
F3152 ITF-F3152 Datasheet
286Kb / 6P
   SAW Bandpass Filter 315.0MHz
logo
Golledge Electronics Lt...
MP06999 GOLLEDGE-MP06999 Datasheet
303Kb / 6P
   SAW Resonator: 315.0MHz
MP05119 GOLLEDGE-MP05119 Datasheet
182Kb / 5P
   SAW Resonator 315.0MHz
MA07075 GOLLEDGE-MA07075 Datasheet
79Kb / 4P
   SAW Resonator 315.0MHz
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
   One-Port SAW Resonator 315.0MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com