Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73215 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS73215
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73215 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS73215 Datasheet HTML 2Page - Texas Instruments TPS73215 Datasheet HTML 3Page - Texas Instruments TPS73215 Datasheet HTML 4Page - Texas Instruments TPS73215 Datasheet HTML 5Page - Texas Instruments TPS73215 Datasheet HTML 6Page - Texas Instruments TPS73215 Datasheet HTML 7Page - Texas Instruments TPS73215 Datasheet HTML 8Page - Texas Instruments TPS73215 Datasheet HTML 9Page - Texas Instruments TPS73215 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
PIN ASSIGNMENTS
DCQ PACKAGE
SOT223
(TOP VIEW)
1
2
3
4
5
IN
OUT
GND
NR/FB
EN
TAB IS GND
DBV PACKAGE
SOT23
(TOP VIEW)
IN
GND
EN
NR/FB
OUT
1
2
3
4
5
TPS73201, TPS73215, TPS73216
TPS73218, TPS73225, TPS73230
TPS73233, TPS73250
SBVS037F – AUGUST 2003 – REVISED SEPTEMBER 2004
TERMINAL FUNCTIONS
TERMINAL
SOT23
SOT223
DESCRIPTION
NAME
(DBV)
(DCQ)
PIN NO.
PIN NO.
IN
1
1
Unregulated input supply
GND
2
3
Ground
EN
3
5
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into
shutdown mode. Refer to the Shutdown section under Applications Information for more details.
EN can be connected to IN if not used.
NR
4
4
Fixed voltage versions only—connecting an external capacitor to this pin bypasses noise
generated by the internal bandgap. This allows output noise to be reduced to very low levels.
FB
4
4
Adjustable voltage version only—this is the input to the control loop error amplifier, and is used to
set the output voltage of the device.
OUT
5
2
Output of the Regulator. There are no output capacitor requirements for stability.
6


Similar Part No. - TPS73215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73215 TI1-TPS73215 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73215-EP TI1-TPS73215-EP Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73215DBVR TI-TPS73215DBVR Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73215DBVR TI-TPS73215DBVR Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73215DBVR TI1-TPS73215DBVR Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
More results

Similar Description - TPS73215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com