Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73215 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS73215
Description  Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73215 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS73215 Datasheet HTML 7Page - Texas Instruments TPS73215 Datasheet HTML 8Page - Texas Instruments TPS73215 Datasheet HTML 9Page - Texas Instruments TPS73215 Datasheet HTML 10Page - Texas Instruments TPS73215 Datasheet HTML 11Page - Texas Instruments TPS73215 Datasheet HTML 12Page - Texas Instruments TPS73215 Datasheet HTML 13Page - Texas Instruments TPS73215 Datasheet HTML 14Page - Texas Instruments TPS73215 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
60
55
50
45
40
35
30
25
20
C
FB (F)
10p
100p
1n
10n
V
OUT = 2.5V
C
OUT = 0µF
R
1 = 39.2kΩ
10Hz < Frequency < 100kHz
160
140
120
100
80
60
40
20
0
−50
−25
0
25
50
75
100
125
Temperature (
_C)
5
µs/div
100mV/div
100mV/div
V
OUT
V
OUT
V
IN
4.5V
3.5V
C
OUT = 0µF
V
OUT = 2.5V
C
FB = 10nF
C
OUT = 10µF
10
µs/div
100mV/div
100mV/div
V
OUT
V
OUT
I
OUT
250mA
10mA
C
OUT = 0µF
C
FB = 10nF
R
1 = 39.2kΩ
C
OUT = 10µF
TPS73201, TPS73215, TPS73216
TPS73218, TPS73225, TPS73230
TPS73233, TPS73250
SBVS037F – AUGUST 2003 – REVISED SEPTEMBER 2004
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at T
J= 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1µF, unless otherwise
noted.
TPS73101
TPS73201
RMS NOISE VOLTAGE vs CADJ
IFB vs TEMPERATURE
Figure 27.
Figure 28.
TPS73201
TPS73201
LOAD TRANSIENT, ADJUSTABLE VERSION
LINE TRANSIENT, ADJUSTABLE VERSION
Figure 29.
Figure 30.
11


Similar Part No. - TPS73215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73215 TI1-TPS73215 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73215-EP TI1-TPS73215-EP Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73215DBVR TI-TPS73215DBVR Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73215DBVR TI-TPS73215DBVR Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73215DBVR TI1-TPS73215DBVR Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
More results

Similar Description - TPS73215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com