Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIAC-1008C-22N Datasheet(PDF) 3 Page - Abracon Corporation

Part # AIAC-1008C-22N
Description  SMT Air Coil Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAC-1008C-22N Datasheet(HTML) 3 Page - Abracon Corporation

  AIAC-1008C-22N Datasheet HTML 1Page - Abracon Corporation AIAC-1008C-22N Datasheet HTML 2Page - Abracon Corporation AIAC-1008C-22N Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AIAC-1008C
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 11.20.12
Visit www.abracon.com for Terms & Conditions of Sale
SMT Air Coil Inductor
Dimension: mm
TAPE & REEL:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
3.20 x 1.90 x 2.20mm
REFLOW PROFILE:
Packing
T: 3,000pcs / reel
Ao
2.3±0.10
Bo
3.4±0.10
Ko
2.3±0.10
A
330
B
18
C
12
D
13
E
12
F
8.0
G
4.0
H
1.75
T
0.35


Similar Part No. - AIAC-1008C-22N

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAC-1512 ABRACON-AIAC-1512 Datasheet
125Kb / 2P
   SURFACE-MOUNT AIR COIL
AIAC-1512C ABRACON-AIAC-1512C Datasheet
125Kb / 2P
   SURFACE-MOUNT AIR COIL
AIAC-1512C-12N5 ABRACON-AIAC-1512C-12N5 Datasheet
125Kb / 2P
   SURFACE-MOUNT AIR COIL
AIAC-1512C-18N5 ABRACON-AIAC-1512C-18N5 Datasheet
125Kb / 2P
   SURFACE-MOUNT AIR COIL
AIAC-1512C-2N5 ABRACON-AIAC-1512C-2N5 Datasheet
125Kb / 2P
   SURFACE-MOUNT AIR COIL
More results

Similar Description - AIAC-1008C-22N

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAC-1606C ABRACON-AIAC-1606C Datasheet
3Mb / 3P
   SMT Air Coil Inductor
04.14.14
AIAC-0805C ABRACON-AIAC-0805C Datasheet
2Mb / 3P
   SMT Air Coil Inductor
11.20.12
AIAC-1812 ABRACON-AIAC-1812 Datasheet
3Mb / 4P
   SMT Air Coil Inductor
06.24.2016
logo
Rhombus Industries Inc.
L-397 RHOMBUS-IND-L-397 Datasheet
19Kb / 1P
   Air Coil
L-398 RHOMBUS-IND-L-398 Datasheet
19Kb / 1P
   Air Coil
logo
XFMRS Inc.
XFTPRH2D18HP-100N XFMRS-XFTPRH2D18HP-100N Datasheet
55Kb / 1P
   SMT INDUCTOR
XFTPRH2D18HP-100N XFMRS-XFTPRH2D18HP-100N Datasheet
55Kb / 1P
   SMT INDUCTOR
XFTPRH2D10-220M XFMRS-XFTPRH2D10-220M Datasheet
34Kb / 1P
   SMT INDUCTOR
XFTPRH2D14NP-100M XFMRS-XFTPRH2D14NP-100M Datasheet
35Kb / 1P
   SMT INDUCTOR
XFTPRH2D10-100M XFMRS-XFTPRH2D10-100M Datasheet
50Kb / 1P
   SMT INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com