Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3263IYZFT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3263IYZFT
Description  Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3263IYZFT Datasheet(HTML) 3 Page - Texas Instruments

  TLV320AIC3263IYZFT Datasheet HTML 1Page - Texas Instruments TLV320AIC3263IYZFT Datasheet HTML 2Page - Texas Instruments TLV320AIC3263IYZFT Datasheet HTML 3Page - Texas Instruments TLV320AIC3263IYZFT Datasheet HTML 4Page - Texas Instruments TLV320AIC3263IYZFT Datasheet HTML 5Page - Texas Instruments TLV320AIC3263IYZFT Datasheet HTML 6Page - Texas Instruments TLV320AIC3263IYZFT Datasheet HTML 7Page - Texas Instruments TLV320AIC3263IYZFT Datasheet HTML 8Page - Texas Instruments TLV320AIC3263IYZFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
TLV320AIC3263
www.ti.com
SLAS923 – JUNE 2013
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONTINUED)
The TLV320AIC3263 features two fully-programmable miniDSP cores that support application-specific algorithms
in the record and/or the playback path of the device. The miniDSP cores are fully software programmable.
Targeted miniDSP algorithms, such as active noise cancellation, acoustic echo cancellation or advanced DSP
filtering are loaded into the device after power-up.
Combined with the advanced PowerTune technology, the device can execute operations from 8kHz mono voice
playback to stereo 192kHz DAC playback, making it ideal for portable battery-powered audio and telephony
applications.
The record path of the TLV320AIC3263 covers operations from 8kHz mono to 192kHz stereo recording, and
contains programmable input channel configurations which cover single-ended and differential setups, as well as
floating or mixing input signals. It also provides a digitally-controlled stereo microphone preamplifier and
integrated microphone bias. One application of the digital signal processing blocks is removable of audible noise
that may be introduced by mechanical coupling, such as optical zooming in a digital camera. The record path can
also be configured for up to two stereo (such as up to 4) simultaneous digital microphone Pulse Density
Modulation (PDM) interfaces typically used at 64Fs or 128Fs.
The playback path offers signal processing blocks for filtering and effects; headphone, line, receiver, and Class-D
speaker output; flexible mixing of DAC; and analog input signals as well as programmable volume controls. The
playback path contains two high-power DirectPathTM headphone output drivers which eliminate the need for ac
coupling capacitors. A built in charge pump generates the negative supply for the ground centered headphone
drivers. These headphone output drivers can be configured in multiple ways, including stereo, and mono BTL. In
addition, playback audio can be routed to an integrated Class-D speaker driver or a differential receiver amplifier.
The integrated PowerTune technology allows the device to be tuned to just the right power-performance trade-
off. Mobile applications frequently have multiple use cases requiring very low-power operation while being used
in a mobile environment. When used in a docked environment power consumption typically is less of a concern
while lowest possible noise is important. With PowerTune the TLV320AIC3263 can address both cases.
The required internal clock of the TLV320AIC3263 can be derived from multiple sources, including the MCLK pin,
the BCLK1 pin, the BCLK2 pin, several general purpose I/O pins or the output of the internal PLL, where the
input to the PLL again can be derived from similar pins. Although using the internal fractional PLL ensures the
availability of a suitable clock signal, it is not recommended for the lowest power settings. The PLL is highly
programmable and can accept available input clocks in the range of 512kHz to 50MHz. To enable even lower
clock frequencies, an integrated low-frequency clock multiplier can also be used as an input to the PLL.
The TLV320AIC3263 has a 12-bit SAR ADC converter that supports system voltage measurements. These
system voltage measurements can be sourced from three dedicated analog inputs (IN1L/AUX1, IN1R/AUX2, or
VBAT pins), or, alternatively, an on-chip temperature sensor that can be read by the SAR ADC.
The device also features three full Digital Audio Serial Interfaces, each supporting I2S, DSP/TDM, RJF, LJF, and
mono PCM formats. This enables three simultaneous digital playback and record paths to three independent
digital audio buses or chips. Additionally, the general purpose interrupt pins can be used to connect to a fourth
digital audio bus, allowing the end system to easily switch in this fourth audio bus to one of the three Digital
Audio Serial Interfaces. Each of the three Digital Audio Serial Interfaces can be run using separate power
voltages to enable easy integration with separate chips with different I/O voltages.
The device is available in the 4.81 mm x 4.81 mm x 0.625 mm 81-Ball WCSP (DSBGA) Package.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV320AIC3263


Similar Part No. - TLV320AIC3263IYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
[Old version datasheet]   Check for Samples: TLV320AIC3263
TLV320AIC3263 TI1-TLV320AIC3263 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3263IYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3212 TI1-TLV320AIC3212 Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
TLV320AIC3212 TI-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com