Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATFS05-CC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATFS05-CC
Description  Support Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFS05-CC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATFS05-CC Datasheet HTML 6Page - ATMEL Corporation ATFS05-CC Datasheet HTML 7Page - ATMEL Corporation ATFS05-CC Datasheet HTML 8Page - ATMEL Corporation ATFS05-CC Datasheet HTML 9Page - ATMEL Corporation ATFS05-CC Datasheet HTML 10Page - ATMEL Corporation ATFS05-CC Datasheet HTML 11Page - ATMEL Corporation ATFS05-CC Datasheet HTML 12Page - ATMEL Corporation ATFS05-CC Datasheet HTML 13Page - ATMEL Corporation ATFS05-CC Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
ATFS05/10/40
3017C–FPSLI–07/02
Thermal Resistance Coefficients(1)
Note:
1. For more information refer to the “Thermal Characteristics of Atmel’s Packages” application note, available on the Atmel web
site.
Device
Package Type
θ
JC [°C/W]
θ
JA [°C/W]
Airflow = 0 ft/min
ATFS05
Leadless Array Package (LAP)
8CN4
45
115.71
ATFS10/40
Leadless Array Package (LAP)
8CN4
45
135.71


Similar Part No. - ATFS05-CC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-10100 HP-ATF-10100 Datasheet
51Kb / 4P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10100-GP3 HP-ATF-10100-GP3 Datasheet
51Kb / 4P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136 HP-ATF-10136 Datasheet
46Kb / 3P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136-STR HP-ATF-10136-STR Datasheet
46Kb / 3P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136-TR1 HP-ATF-10136-TR1 Datasheet
46Kb / 3P
   0.5-12 GHz Low Noise Gallium Arsenide FET
More results

Similar Description - ATFS05-CC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20328A MAXIM-MAX20328A Datasheet
804Kb / 8P
   Host device with I2C communication support
Rev 0; 5/18
logo
Xilinx, Inc
XA2C128 XILINX-XA2C128 Datasheet
372Kb / 16P
   AEC-Q100 device qualification and full PPAP support
XA2C32A XILINX-XA2C32A Datasheet
325Kb / 14P
   AEC-Q100 device qualification and full PPAP support
XA2C256 XILINX-XA2C256 Datasheet
400Kb / 19P
   AEC-Q100 device qualification and full PPAP support
logo
SMSC Corporation
EMC6D103S SMSC-EMC6D103S_07 Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103 SMSC-EMC6D103_07 Datasheet
1Mb / 92P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S SMSC-EMC6D103S Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
logo
Keysight Technologies
E6569E KEYSIGHT-E6569E Datasheet
763Kb / 2P
   Accelerate the Development of Wireless Device Tests with Automated Test Development and Support
logo
Molex Electronics Ltd.
69008-1084 MOLEX11-69008-1084 Datasheet
36Kb / 1P
   Support Plate
logo
Wurth Elektronik GmbH &...
709670100 WURTH-709670100 Datasheet
114Kb / 1P
   SPACER SUPPORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com