Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHT-FREQUENCYERSAGHT Datasheet(PDF) 2 Page - Abracon Corporation

Part # AHT-FREQUENCYERSAGHT
Description  TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AHT-FREQUENCYERSAGHT Datasheet(HTML) 2 Page - Abracon Corporation

  AHT-FREQUENCYERSAGHT Datasheet HTML 1Page - Abracon Corporation AHT-FREQUENCYERSAGHT Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
| | | | | | | | | | | | | | |
13.2 x 13.2 x 5.5mm
Pb RoHS
Compliant
30332Esperanza, Rancho Santa Margarita, California
92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 10.23.10
Visit
www.abracon.com for Terms & Conditions of Sale
AHT Series
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
OUTLINE DIMENSIONS:
Dimensions: inches (mm)
PIN
1
4
5
8
Note: Recommended using an approximately
0.01uF bypass capacitor between PIN 4 and 8.
VDD
NC or Tristate Enable/ Disable
FUNCTION
GND
Output
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated,
Automotive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application
requiring high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme
operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.


Similar Part No. - AHT-FREQUENCYERSAGHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHT25 ETC-AHT25 Datasheet
955Kb / 14P
   Humidity and Temperature Module
Version:V1.0 May 2021
AHT30 ETC-AHT30 Datasheet
1Mb / 13P
   Temperature and humidity sensor
September 2023
logo
Allied Components Inter...
AHTA-1201I ALLIED-AHTA-1201I Datasheet
283Kb / 1P
   10/100 Base T Single Port Transformer
AHTA-1201S ALLIED-AHTA-1201S Datasheet
283Kb / 1P
   10/100 Base T Single Port Transformer
AHTA-1202PI ALLIED-AHTA-1202PI Datasheet
308Kb / 1P
   10/100 Base T Single Port PoE LAN Filter Module
More results

Similar Description - AHT-FREQUENCYERSAGHT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACT ABRACON-ACT_15 Datasheet
806Kb / 2P
   TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
   3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOL1 ABRACON-ACOL1 Datasheet
418Kb / 1P
   2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
   FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
logo
Epson Company
SG-51 EPSON-SG-51 Datasheet
78Kb / 2P
   FULL & HALF-SIZE DIP HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Connor-Winfield Corpora...
S13R8 CONNOR-WINFIELD-S13R8 Datasheet
133Kb / 1P
   5.0V HCMOS/TTL COMPATIBLE14 PIN DIP CRYSTAL CLOCK OSCILLATOR
HC61R8R CONNOR-WINFIELD-HC61R8R Datasheet
204Kb / 2P
   5.0V HCMOS/TTL COMPATIBLE14 PIN DIP CRYSTAL CLOCK OSCILLATOR
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220_07 Datasheet
289Kb / 2P
   TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ACVX1220 ABRACON-ACVX1220_15 Datasheet
548Kb / 2P
   TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
logo
RSG Electronic Componen...
HO-21 RSG-HO-21 Datasheet
84Kb / 1P
   HALF SIZE CLOCK OSCILLATORS TTL COMPATIBLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com