Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2G Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # ES2G
Description  SURFACE MOUNT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

ES2G Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  ES2G Datasheet HTML 1Page - Diode Semiconductor Korea ES2G Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 . 5± 0.1 5
1.25± 0.2
0.2± 0.05
5 . 3± 0.2
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO-214AA,molded plastic
Terminals: Solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.003 ounces,0.093 grams
Mounting position: Any
Ratings at 25
 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
ES2C
ES2D
ES2G
Maximum recurrent peak reverse voltage
VRRM
150
200
400
V
Maximum RMS voltage
VRMS
105
140
210
V
Maximum DC blocking voltage
VDC
150
200
400
V
Maximum average forward rectified current
@TA=110
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
@TJ=125
Maximum instantaneous forward voltage at2.0 A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage
@TA=125
Typical reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
0.95
1.25
DO-214AA(SMB)
UNITS
- 55 ---- + 150
ES2A
ES2B
50
100
A
50.0
IFSM
IR
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
A
ES2A--- ES2G
A
10
Easily cleaned with Alcohol,Isopropanol
and similar solvents
IF(AV)
2.0
SURFACE MOUNT RECTIFIERS
The plastic material carries U/L recognition 94V-0
100
50
70
2. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
18
35
40
350
VOLTAGE RANGE: 50 --- 400 V
CURRENT:
2.0 A
- 55 ---- + 150
35
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
3. Thermal resistance f rom junction to ambient and junction to lead P.C.B.mounted on 0.27''X0.27''(7.0X7.0mm2) copper pad areas
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - ES2G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2G JGD-ES2G Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Rectron Semiconductor
ES2G RECTRON-ES2G Datasheet
407Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
logo
Pan Jit International I...
ES2G PANJIT-ES2G Datasheet
147Kb / 6P
   For surface mounted applications in order to optimize board space
logo
Vishay Siliconix
ES2G VISHAY-ES2G Datasheet
104Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Nov-07
logo
SUNMATE electronic Co.,...
ES2G SUNMATE-ES2G Datasheet
339Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results

Similar Description - ES2G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com