Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIRD-02-122 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIRD-02-122
Description  RADIAL DRUM CORE POWER CHOKE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIRD-02-122 Datasheet(HTML) 1 Page - Abracon Corporation

  AIRD-02-122 Datasheet HTML 1Page - Abracon Corporation AIRD-02-122 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Ferrite core with UL tube
• Wire wound construction
• High current, low DCR
AIRD-02
|||||||||||||| |
STANDARD SPECIFICATIONS
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 07.31.12
Visit www.abracon.com for Terms & Conditions of Sale
• Electronic Appliance
• Power Supplies
• TRIAC/SCR Control Circuits
RADIAL DRUM CORE POWER CHOKE
Operating Temperature: -25°C~ +85°C
Storage Temperature: -25°C~ +125°C
Pb RoHS
Compliant
21.0 x ϕ21.0 mm
Test frequency: 1KHz, 0.1Vrms
DCR: QuadTech Milliohmmeter
Isat: 10% inductance drops from initial value
Irms: ΔT of 40°C temperature rise max
Test Conditions and equipments
Part Number
Inductance
Tolerance
DCR (Max)
Saturation Current
(Max)
Temperature Rise
Current (Max)
Units
H
%
A
A
Symbol
L
K, M
DCR
Isat*
Irms*
AIRD-02-1R0
1.0
K, M
0.003
108
11.4
AIRD-02-1R2
1.2
K, M
0.003
108
11.4
AIRD-02-1R5
1.5
K, M
0.003
83
11.4
AIRD-02-1R8
1.8
K, M
0.003
68
11.4
AIRD-02-2R2
2.2
K, M
0.004
68
11.4
AIRD-02-2R7
2.7
K, M
0.005
58
11.4
AIRD-02-3R3
3.3
K, M
0.005
58
11.4
AIRD-02-3R9
3.9
K, M
0.005
50
11.4
AIRD-02-4R7
4.7
K, M
0.005
50
11.4
AIRD-02-5R6
5.6
K, M
0.006
44
11.4
AIRD-02-6R8
6.8
K, M
0.007
39
11.4
AIRD-02-8R2
8.2
K, M
0.007
36
11.4
AIRD-02-100
10
K
0.009
30
11.4
AIRD-02-120
12
K
0.009
27
11.4
AIRD-02-150
15
K
0.013
25
9.0
AIRD-02-180
18
K
0.018
22
7.2
AIRD-02-220
22
K
0.019
21
7.2
AIRD-02-270
27
K
0.026
20
5.5
AIRD-02-330
33
K
0.029
18
5.5
AIRD-02-390
39
K
0.030
17
5.5
AIRD-02-470
47
K
0.035
15
5.5
AIRD-02-560
56
K
0.039
13
5.5
AIRD-02-680
68
K
0.053
12
4.8
AIRD-02-820
82
K
0.060
11
4.8
AIRD-02-101
100
K
0.080
10
4.0
AIRD-02-121
120
K
0.090
9.4
4.0
AIRD-02-151
150
K
0.098
8.6
4.0
AIRD-02-181
180
K
0.110
7.8
4.0
AIRD-02-221
220
K
0.150
7.0
2.8
AIRD-02-271
270
K
0.213
6.3
2.0
AIRD-02-331
330
K
0.305
5.2
1.6
AIRD-02-391
390
K
0.320
4.9
1.6
AIRD-02-471
470
K
0.355
4.5
1.6
AIRD-02-561
560
K
0.388
4.1
1.6
AIRD-02-681
680
K
0.430
3.7
1.6
AIRD-02-821
820
K
0.590
3.4
1.3
AIRD-02-102
1000
K
0.818
3.1
1.0
AIRD-02-122
1200
K
1.140
2.7
0.8
AIRD-02-152
1500
K
1.260
2.4
0.8
AIRD-02-182
1800
K
1.390
2.2
0.8
AIRD-02-222
2200
K
1.540
2.0
0.8


Similar Part No. - AIRD-02-122

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIRD-02 ABRACON-AIRD-02 Datasheet
82Kb / 1P
   THRU-HOLE DRUM CORE POWER INDUCTORS
More results

Similar Description - AIRD-02-122

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIRD03 ABRACON-AIRD03 Datasheet
2Mb / 2P
   RADIAL DRUM CORE POWER CHOKE
07.31.12
logo
Allied Components Inter...
RDC10-1R0T-RC ALLIED-RDC10-1R0T-RC Datasheet
791Kb / 1P
   Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
   Radial Drum Core Inductors
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
   Radial Drum Core Inductors
RDC50-1R8K-RC ALLIED-RDC50-1R8K-RC Datasheet
756Kb / 1P
   Radial Drum Core Inductors
RDC30 ALLIED-RDC30 Datasheet
369Kb / 1P
   Radial Drum Core Inductors
RDC20 ALLIED-RDC20 Datasheet
361Kb / 1P
   Radial Drum Core Inductors
RDC50 ALLIED-RDC50 Datasheet
818Kb / 1P
   Radial Drum Core Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com