Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AISC-0603F-180 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AISC-0603F-180
Description  FERRITE WIRE WOUND INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0603F-180 Datasheet(HTML) 3 Page - Abracon Corporation

  AISC-0603F-180 Datasheet HTML 1Page - Abracon Corporation AISC-0603F-180 Datasheet HTML 2Page - Abracon Corporation AISC-0603F-180 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Materials
No.
Components
Material
A
Coating
Ultraviolet epoxy resin
B
Core
Ferrite
C
Wire
Polyurethane system enameled copper wire
D
Electrodes
Ag-Pd with Ni and Sn plating
FERRITE WIRE WOUND INDUCTORS
AISC-0603F
1.6 x 1.0 x 1.0mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 :2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
Revised: 10.11.13
Pb RoHS/RoHS II Compliant
Preheat condition: 150 ~200oC/60~120sec.
Allowed time above 217 oC: 60~90sec.
Max temp: 260 oC
Max time at max temp: 10sec.
Solder paste: Sn/3.0Ag/0.5Cu
Allowed Reflow time: 2x max
260ºC
60
∼90sec .
60
∼120sec .
150 ºC
200 ºC
217 ºC
Max Ramp Up Rate=3 º
C/sec .
Max Ramp Down Rate=6 º
C/sec .
Time 25 ºC to Peak =8 min max
25ºC
Peak 260 ºC max
REFLOW PROFILE:
T= tape and reel (3,000pcs/reel)
Dimension: mm
A
B
P
K
T
1.20±0.05
1.85±0.05
4.0±0.1
1.02±0.05
0.23±0.05
5.0 ±0.1
3.0 ±0.1
4.0±0.1
10±1.5
TAPE & REEL:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.


Similar Part No. - AISC-0603F-180

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0603 ABRACON-AISC-0603 Datasheet
98Kb / 1P
   SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
AISC-0603-R0018 ABRACON-AISC-0603-R0018 Datasheet
2Mb / 4P
   CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-0603-R0027 ABRACON-AISC-0603-R0027 Datasheet
2Mb / 4P
   CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-0603-R0033 ABRACON-AISC-0603-R0033 Datasheet
2Mb / 4P
   CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-0603-R0036 ABRACON-AISC-0603-R0036 Datasheet
2Mb / 4P
   CERAMIC WIRE WOUND INDUCTORS
09.16.13
More results

Similar Description - AISC-0603F-180

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0402F ABRACON-AISC-0402F Datasheet
1Mb / 3P
   FERRITE WIRE WOUND INDUCTORS
09.29.14
logo
WALSIN TECHNOLOGY CORPO...
WLFW1608 WALSIN-WLFW1608 Datasheet
280Kb / 6P
   Wire Wound Ferrite Chip Inductors
logo
Abracon Corporation
AISC-1210HS ABRACON-AISC-1210HS Datasheet
1Mb / 4P
   Wire Wound Inductors (Ferrite Base)
12.08.11
logo
WALSIN TECHNOLOGY CORPO...
WLFW2012 WALSIN-WLFW2012 Datasheet
246Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2520 WALSIN-WLFW2520 Datasheet
291Kb / 6P
   Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
   Molded Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com