Electronic Components Datasheet Search |
|
LPR6235-123QMRB Datasheet(PDF) 1 Page - Coilcraft lnc. |
|
LPR6235-123QMRB Datasheet(HTML) 1 Page - Coilcraft lnc. |
1 / 2 page US UK Taiwan China Singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-europe.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg © Coilcraft Inc. 2016 This product may not be used in medical or high risk applications without prior Coilcraft approval. Specification subject to change without notice. Please check web site for latest information. Document 752R-1 CoupledInductors–LPR6235 Document 752R-1 Revised 08/06/14 • Can be used as step-up or flyback transformers in DC-DC converters or as autotransformers • Perfect for low voltage step-up in energy harvesting applications • Selected by Linear Technology for the LTC3108 and LTC3109 Ultralow Voltage Step-Up Converter and Power Managers Primary (L1) DCR max SRF Part Turns inductance2 (Ohms) typ3 Isat4 number1 ratio ±20% (µH) L1 L2 (kHz) (A) LPR6235-253LMR_ 1 : 10 25 0.74 13.7 1300 1.3 LPR6235-253PMR_ 1 : 20 25 0.20 72 580 0.7 LPR6235-123QMR_ 1 : 50 12.5 0.085 200 360 0.9 LPR6235-752RMR_ 1 : 90 7.5 0.085 285 257 1.6 LPR6235-752SMR_ 1 : 100 7.5 0.085 340 230 1.6 1. When ordering, please specify packaging code: LPR6235-253PMRC Packaging: C = 7 ″ machine-ready reel. EIA-481 embossed plastic tape (350 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. D = 13 ″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (1500 parts per full reel). 2. Inductance is measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A LCR meter or equivalent. 3. SRF measured using an Agilent/HP 4191A or equivalent. 4. DC current applied to L1, at which the inductance drops 10% from its value without current. 5. Electrical specifications at 25°C. Refer to Doc 362 “Soldering Surface Mount Components” before soldering. These shielded parts are only 3.5 mm high and 6 mm square. The excellent coupling coefficient (k = 0.95) makes them ideal for use in a variety of applications. They can be used as flyback transformers and step-up pulse transformers. The high Isat and low DCR ratings of these parts provide high efficiency and excellent current handling in a rug- ged, low cost design. Custom inductance values and turn ratios may be avail- able upon request. ForStep-Up,Resonant &FlybackApplications L1 L1 L2 L2 ++ – – D D D C C C C PWM C Typical Step-Up Converter Typical Flyback Converter VOUT VOUT VIN VIN Sync Rectifier |
Similar Part No. - LPR6235-123QMRB |
|
Similar Description - LPR6235-123QMRB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |