Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP4-0140L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # HP4-0140L
Description  Hexa-Path Magnetics
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

HP4-0140L Datasheet(HTML) 2 Page - Coilcraft lnc.

  HP4-0140L Datasheet HTML 1Page - Coilcraft lnc. HP4-0140L Datasheet HTML 2Page - Coilcraft lnc. HP4-0140L Datasheet HTML 3Page - Coilcraft lnc. HP4-0140L Datasheet HTML 4Page - Coilcraft lnc. HP4-0140L Datasheet HTML 5Page - Coilcraft lnc. HP4-0140L Datasheet HTML 6Page - Coilcraft lnc. HP4-0140L Datasheet HTML 7Page - Coilcraft lnc. HP4-0140L Datasheet HTML 8Page - Coilcraft lnc. HP4-0140L Datasheet HTML 9Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
Hexa-Path Magnetics
Document 613-2
Document 613-2 Revised 08/20/15
DCR
Volt-time Peak energy
Part
Inductance2
max3
product4
storage5
Isat6
Irms7
number1
(µH)
(Ohms)
(V-µsec)
(µJ)
(A)
(A)
HP1-1400L_
89.6 ±25%
0.145
23.4
Note 8
Note 8 0.74
HP1-0190L_
12.2 ±20%
0.145
23.4
29.8
0.440
0.74
HP1-0102L_
6.5 ±15%
0.145
23.4
55.1
0.820
0.74
HP1-0076L_
4.9 ±10%
0.145
23.4
74.7
1.10
0.74
HP1-0059L_
3.8 ±5%
0.145
23.4
93.8
1.40
0.74
HP2-1600L_
78.4 ±25%
0.085
30.8
Note 8
Note 8 1.13
HP2-0216L_
10.6 ±20%
0.085
30.8
79.2
0.770
1.13
HP2-0116L_
5.7 ±15%
0.085
30.8
184
1.60
1.13
HP2-0083L_
4.1 ±10%
0.085
30.8
228
2.10
1.13
HP2-0066L_
3.2 ±5%
0.085
30.8
252
2.50
1.13
HP3-0950L_
77.0 ±25%
0.055
30.4
Note 8
Note 8 1.73
HP3-0138L_
11.2 ±20%
0.055
30.4
59.6
0.650
1.73
HP3-0084L_
6.8 ±15%
0.055
30.4
111
1.14
1.73
HP3-0055L_
4.5 ±10%
0.055
30.4
156
1.66
1.73
HP3-0047L_
3.8 ±5%
0.055
30.4
173
1.90
1.73
HP4-1150L_
93.2 ±25%
0.055
47.3
Note 8
Note 8 1.88
HP4-0140L_
11.3 ±20%
0.055
47.3
142
1.00
1.88
HP4-0075L_
6.1 ±15%
0.055
47.3
307
2.00
1.88
HP4-0060L_
4.9 ±10%
0.055
47.3
386
2.50
1.88
HP4-0047L_
3.8 ±5%
0.055
47.3
490
3.20
1.88
HP5-1200L_
76.8 ±25%
0.045
62.8
Note 8
Note 8 2.25
HP5-0155L_
9.9 ±20%
0.045
62.8
281
1.50
2.25
HP5-0083L_
5.3 ±15%
0.045
62.8
562
2.90
2.25
HP5-0067L_
4.3 ±10%
0.045
62.8
626
3.40
2.25
HP5-0053L_
3.4 ±5%
0.045
62.8
946
4.70
2.25
HP6-2400L
86.4 ±25%
0.020
87.9
Note 8
Note 8 3.50
HP6-0325L
11.7 ±20%
0.020
87.9
332
1.50
3.50
HP6-0158L
5.69 ±15%
0.020
87.9
981
3.70
3.50
HP6-0121L
4.36 ±10%
0.020
87.9
1485
5.20
3.50
HP6-0090L
3.24 ±5%
0.020
87.9
1833
6.70
3.50
HPH1-1400L_ 202
±25%
0.340
35.1
Note 8
Note 8 0.62
HPH1-0190L_
27.4 ±20%
0.340
35.1
31.1
0.300
0.62
HPH1-0102L_
14.7 ±15%
0.340
35.1
60.2
0.570
0.62
HPH1-0076L_
10.9 ±10%
0.340
35.1
99.2
0.850
0.62
HPH1-0059L_
8.5 ±5%
0.340
35.1
107
1.00
0.62
HPH2-1600L_ 160
±25%
0.155
44.0
Note 8
Note 8 0.83
HPH2-0216L_
21.6 ±20%
0.155
44.0
82.3
0.550
0.83
HPH2-0116L_
11.6 ±15%
0.155
44.0
177
1.10
0.83
HPH2-0083L_
8.3 ±10%
0.155
44.0
302
1.70
0.83
HPH2-0066L_
6.6 ±5%
0.155
44.0
333
2.00
0.83
HPH3-0950L_ 160
±25%
0.125
43.9
Note 8
Note 8 1.13
HPH3-0138L_
23.6 ±20%
0.125
43.9
52.5
0.420
1.13
HPH3-0084L_
14.2 ±15%
0.125
43.9
98.0
0.740
1.13
HPH3-0055L_
9.3 ±10%
0.125
43.9
169
1.20
1.13
HPH3-0047L_
7.94 ±5%
0.125
43.9
196
1.40
1.13
HPH4-1150L_ 194
±25%
0.078
68.3
Note 8
Note 8 1.65
HPH4-0140L_
23.7 ±20%
0.078
68.3
138
0.680
1.65
HPH4-0075L_
12.7 ±15%
0.078
68.3
314
1.40
1.65
HPH4-0060L_
10.1 ±10%
0.078
68.3
368
1.70
1.65
HPH4-0047L_
7.94 ±5%
0.078
68.3
529
2.30
1.65
HPH5-1200L_ 173
±25%
0.070
94.2
Note 8
Note 8 1.95
HPH5-0155L_
22.3 ±20%
0.070
94.2
248
0.940
1.95
HPH5-0083L_
12.0 ±15%
0.070
94.2
546
1.90
1.95
HPH5-0067L_
9.65 ±10%
0.070
94.2
700
2.40
1.95
HPH5-0053L_
7.63 ±5%
0.070
94.2
809
2.90
1.95
HPH6-2400L
194
±25%
0.030
131.9
Note 8
Note 8 2.90
HPH6-0325L
26.3 ±20%
0.030
131.9
477
1.20
2.90
HPH6-0158L
12.8 ±15%
0.030
131.9
1176
2.70
2.90
HPH6-0121L
9.8 ±10%
0.030
131.9
1783
3.80
2.90
HPH6-0090L
7.29 ±5%
0.030
131.9
1944
4.60
2.90
Document 613-2
1. Please specify
termination and packaging codes:
HPH1-1400LD
Termination: L = RoHS compliant tin-silver over
tin over nickel over phos bronze.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: All but HP6 and HPH6:
D = 13
″ machine-ready reel.
EIA-481 embossed plastic tape
B = Less than full reel. In tape, but
not machine ready. To have
a leader and trailer added
($25 charge), use code letter D
instead.
HP6 and HPH6: 24 per tray (no code)
2. Inductance is per winding, measured at 100 kHz,
0.1 Vrms, 0 Adc.
3. DCR is per winding, measured on Cambridge
Technology micro-ohmmeter or equivalent.
4. Volt-time product is for a single winding or multiple
windings connected in parallel. To calculate volt-
time product for windings connected in series, mul-
tiply the value specified in the table by the number
of windings connected in series.
5. Peak energy storage is for any combination of wind-
ings, assuming saturation current applied. See note
6 for definition of saturation current.
6. DC current at which the inductance drops 30% typ
from its value without current, based on current
applied to all six windings connected in series. For
applications where all windings are not connected
in series, use the following equation to calculate
Isat:
Isat = Isattable × 6 ÷ number of windings in series.
7. Current that causes a 40°C rise from 25°C ambient
due to self heating, tested with continuous current
flow through all windings connected in series.
Application temperature rise will depend on the op-
erating current, duty cycle, and winding connection.
8. Part is designed exclusively for use as a forward
converter transformer and was not tested for energy
storage and saturation current.
9. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering
Core material Ferrite
Terminations RoHS tin-silver over tin over nickel
over phos bronze. Other terminations available at
additional cost.
Ambient temperature –40°C to +85°C with
Irms
current.
Maximum part temperature +125°C
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three
40 second reflows at +260°C, parts cooled to room
temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited
floor life at <30°C / 85% relative humidity)
Failures in Time (FIT) 38 per billion hours
Mean Time Between Failures (MTBF)
26,315,789 hours, calculated per Telcordia SR-332
PCB washing Tested to MIL-STD-202 Method 215
plus an additional aqueous wash. See Doc787_
PCB_Washing.pdf.


Similar Part No. - HP4-0140L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP4-0140L COILCRAFT-HP4-0140L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HP4-0140L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP1-1400L COILCRAFT-HP1-1400L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HPX2126LB COILCRAFT-HPX2126LB_13 Datasheet
142Kb / 4P
   High Power PoE Signal Path Magnetics
HPX2126L COILCRAFT-HPX2126L Datasheet
245Kb / 4P
   High Power PoE Signal Path Magnetics
logo
Taoglas antenna solutio...
FXP14.09.0100A TAOGLAS-FXP14.09.0100A_13 Datasheet
436Kb / 7P
   FXP14 Hexa Band Cellular Antenna
FXP14240100B TAOGLAS-FXP14240100B Datasheet
277Kb / 7P
   FXP14 Hexa-Band Cellular Antenna
logo
List of Unclassifed Man...
PA700J ETC2-PA700J Datasheet
2Mb / 15P
   Hexa-Band Cellular SMD Antenna
logo
Taoglas antenna solutio...
FXP14R.A.07.0100A TAOGLAS-FXP14R.A.07.0100A_13 Datasheet
557Kb / 9P
   FXP14 Hexa-Band Cellular Antenna
FXP14.24.0100B TAOGLAS-FXP14.24.0100B_13 Datasheet
402Kb / 7P
   FXP14 Hexa Band Cellular Antenna
FXP14.07.0100A TAOGLAS-FXP14.07.0100A_14 Datasheet
453Kb / 7P
   FXP14 Hexa Band Cellular Antenna
PA25A TAOGLAS-PA25A Datasheet
1Mb / 17P
   Anam Hexa-Band Cellular SMT Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com