Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPD3015-561MRD Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # LPD3015-561MRD
Description  Coupled Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPD3015-561MRD Datasheet(HTML) 3 Page - Coilcraft lnc.

  LPD3015-561MRD Datasheet HTML 1Page - Coilcraft lnc. LPD3015-561MRD Datasheet HTML 2Page - Coilcraft lnc. LPD3015-561MRD Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Coupled Inductors for SEPIC - LPD3015 Series
Document 661-3 Revised 07/13/16
Document 661-3
Typical L vs Current
Typical L vs Frequency
0.01
0.1
110
0.1
1
10
100
1000
0.01
0.1
110
Current (A)
22 µH
33 µH
100 µH
220 µH
330 µH
10 µH
3.3 µH
2.2 µH
1.0 µH
0.01
0.1
110
0.1
1
10
100
1000
0.01
0.1
110
Frequency (MHz)
22 µH
220 µH
33 µH
330 µH
10 µH
100 µH
3.3 µH
2.2 µH
1.0 µH


Similar Part No. - LPD3015-561MRD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPD3015-561ML COILCRAFT-LPD3015-561ML Datasheet
249Kb / 3P
   Coupled Inductors for SEPIC
LPD3015-561ML COILCRAFT-LPD3015-561ML Datasheet
138Kb / 3P
   Coupled Inductors ??LPD3015
LPD3015-561ML COILCRAFT-LPD3015-561ML Datasheet
149Kb / 3P
   Coupled Inductors LPD3015
LPD3015-561MLB COILCRAFT-LPD3015-561MLB Datasheet
349Kb / 3P
   Coupled Inductors ??LPD3015
LPD3015-561MLC COILCRAFT-LPD3015-561MLC Datasheet
349Kb / 3P
   Coupled Inductors ??LPD3015
More results

Similar Description - LPD3015-561MRD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
   Coupled Inductors
MSD1260-103MLD COILCRAFT-MSD1260-103MLD Datasheet
251Kb / 3P
   Coupled Inductors
LPD5030 COILCRAFT-LPD5030 Datasheet
275Kb / 3P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com