Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1616ADX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN1616ADX
Description  0.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1616ADX Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FAN1616ADX Datasheet HTML 1Page - Fairchild Semiconductor FAN1616ADX Datasheet HTML 2Page - Fairchild Semiconductor FAN1616ADX Datasheet HTML 3Page - Fairchild Semiconductor FAN1616ADX Datasheet HTML 4Page - Fairchild Semiconductor FAN1616ADX Datasheet HTML 5Page - Fairchild Semiconductor FAN1616ADX Datasheet HTML 6Page - Fairchild Semiconductor FAN1616ADX Datasheet HTML 7Page - Fairchild Semiconductor FAN1616ADX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PRODUCT SPECIFICATION
FAN1616A
6
REV. 1.0.5 3/1/02
Mechanical Dimensions
3-Lead TO-252 Package
A
.086
.094
2.19
2.39
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b
.025
.035
0.64
0.89
.045
1.14
b2
.030
0.76
c
.018
.024
0.46
0.61
c2
.018
.023
0.46
0.58
D
.210
.245
5.33
6.22
1
4
1
4
3
E
.250
.265
6.35
6.73
.090 BSC
2.29 BSC
.108 REF
2.74 REF
.370
.410
9.40
10.41
e
H
L
.055
.070
1.40
1.78
L1
.035
.080
0.89
2.03
.025
.040
0.64
1.02
.215
5.46
b3
.205
5.21
L3
L4
E
b3
@PKG/
@HEATSINK
D
L3
A
-C-
H
c2
L
L1
-A-
α = 0° – 10°
-B-
E-PIN
b2
L4
b
e
Notes:
1.
2.
3.
4.
5.
6.
Dimensions are exclusive of mold flash, metal burrs or interlead
protrusion.
Stand off-height is measured from lead tip with ref. to Datum -B-.
Foot length is measured with ref. to Datum -A- with lead surface.
Thermal pad contour optional within dimension b3 and L3.
Formed leads to be planar with respect to one another at seating
place -C-.
Dimensions and tolerances per ASME Y14.5M-1994.


Similar Part No. - FAN1616ADX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655 FAIRCHILD-FAN1655 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
More results

Similar Description - FAN1616ADX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1616 FAIRCHILD-RC1616 Datasheet
327Kb / 8P
   0.5A Adjustable/Fixed Low Dropout Linear Regulator
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com