Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6696 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD6696
Description  30V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6696 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD6696 Datasheet HTML 1Page - Fairchild Semiconductor FDD6696 Datasheet HTML 2Page - Fairchild Semiconductor FDD6696 Datasheet HTML 3Page - Fairchild Semiconductor FDD6696 Datasheet HTML 4Page - Fairchild Semiconductor FDD6696 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
December 2002
©2002 Fairchild Semiconductor Corporation
FDD6696/FDU6696 Rev D (W)
FDD6696/FDU6696
30V N-Channel PowerTrench® MOSFET
General Description
This
N-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers. It has been optimized for
low gate charge, low RDS( ON) and fast switching speed.
Applications
• DC/DC converter
• Motor drives
Features
• 50A, 30 V
RDS(ON) = 8.0 m
Ω @ VGS = 10 V
RDS(ON) = 10.7 m
Ω @ VGS = 4.5 V
• Low gate charge (17nC typical)
• Fast switching
• High performance trench technology for extremely
low RDS(ON)
G
S
D
TO-252
D-PAK
(TO-252)
G D S
I-PAK
(TO-251AA)
S
G
D
Absolute Maximum Ratings
T A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Unit
s
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
± 16
ID
Continuous Drain Current @TC=25°C
(Note 3)
50
A
@TA=25°C
(Note 1a)
13
Pulsed
(Note 1a)
100
Power Dissipation
@TC=25°C
(Note 3)
52
@TA=25°C
(Note 1a)
3.8
PD
@TA=25°C
(Note 1b)
1.6
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +175
°C
Thermal Characteristics
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
2.9
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
40
Thermal Resistance, Junction-to-Ambient
(Note 1b)
96
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape width
Quantity
FDD6696
FDD6696
D-PAK (TO-252)
13’’
12mm
2500 units
FDU6696
FDU6696
I-PAK (TO-251)
Tube
N/A
75


Similar Part No. - FDD6696

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD6696 ISC-FDD6696 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD6696

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com