Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPH2-0083L Datasheet(PDF) 6 Page - Coilcraft lnc.

Part # HPH2-0083L
Description  Hexa-Path Magnetics
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

HPH2-0083L Datasheet(HTML) 6 Page - Coilcraft lnc.

Back Button HPH2-0083L Datasheet HTML 2Page - Coilcraft lnc. HPH2-0083L Datasheet HTML 3Page - Coilcraft lnc. HPH2-0083L Datasheet HTML 4Page - Coilcraft lnc. HPH2-0083L Datasheet HTML 5Page - Coilcraft lnc. HPH2-0083L Datasheet HTML 6Page - Coilcraft lnc. HPH2-0083L Datasheet HTML 7Page - Coilcraft lnc. HPH2-0083L Datasheet HTML 8Page - Coilcraft lnc. HPH2-0083L Datasheet HTML 9Page - Coilcraft lnc. HPH2-0083L Datasheet HTML 10Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
Hexa-Path Magnetics
Document 613-6
Document 613-6 Revised 08/20/15
Inductors – using multiple windings
DCR
Volt-time Peak energy
Part
Inductance
max
product
storage
Isat
Irms
number
(µH)
(Ohms)
(V-µsec)
(µJ)
(A)
(A)
HP3-0138L_
11.2 ±20%
0.055
30.4
1.656 0.650
1.73
Connecting windings in series
For higher inductance, the windings can be connected in series. As inductance
increases, energy storage and
Irms remain the same, but DCR increases and
Isat decreases.
Example: Calculate new electricals for HP3-0138L with four windings (Wn)
connected in series:
Inductance = Inductancetable × Wn2
= 11.2 × 42 = 179.2 µH
DCR = DCRtable × Wn
= 0.055 × 4 = 0.22 Ohms
Isat = (Isattable) × 6 ÷ Wn
= (0.65 × 6)
÷ 4 = 0.975 A
Irms = Irmstable = 1.73 A
Connecting windings in parallel
To increase current ratings, the windings (Wn) can be connected in parallel. DCR
decreases, current ratings increase, and inductance remains the same.
Example: Calculate new electricals for HP5-0083L, with three (Wn) windings
connected in parallel (equivalent to one winding in series):
Inductance = Inductancetable
= 11.2 µH
DCR = 1
÷ [Wn × (1 ÷ DCRtable)]
= 1
÷ [3 × (1 ÷ 0.045)] = 0.015 Ohms
Isat = (Isattable × 6) ÷ Wn
= (0.65 × 6)
÷ 1 = 3.9 A
Irms = Irmstable × Wn
= 1.73 × 3 = 5.19 A
Formulas used to calculate electrical characteristics
Connecting windings in series
Inductance = Inductancetable × (number of windings)2
DCR = DCRtable × number of windings
Isat = (Isattable × 6) ÷ number of windings connected in series
Irms = Irmstable
Connecting windings in parallel
Inductance = Inductancetable
DCR = 1
÷ [number of windings × (1 ÷ DCRtable)]
Isat = (Isattable × 6) ÷ number of windings connected in series
Irms = Irmstable × number of windings
1
2
3
9
4
12
11
10
8
7
5
6
L= 179.2 µH
DCR= 0.22
sat= 0.975 A
rms= 1.73 A
I
I
1
2
3
9
4
12
11
10
8
7
5
6
L= 11.2 µH
DCR= 0.015
sat= 3.9 A
rms= 5.19 A
I
I


Similar Part No. - HPH2-0083L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HPH2-0083L COILCRAFT-HPH2-0083L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HPH2-0083L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP1-1400L COILCRAFT-HP1-1400L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HPX2126LB COILCRAFT-HPX2126LB_13 Datasheet
142Kb / 4P
   High Power PoE Signal Path Magnetics
HPX2126L COILCRAFT-HPX2126L Datasheet
245Kb / 4P
   High Power PoE Signal Path Magnetics
logo
Taoglas antenna solutio...
FXP14.09.0100A TAOGLAS-FXP14.09.0100A_13 Datasheet
436Kb / 7P
   FXP14 Hexa Band Cellular Antenna
FXP14240100B TAOGLAS-FXP14240100B Datasheet
277Kb / 7P
   FXP14 Hexa-Band Cellular Antenna
logo
List of Unclassifed Man...
PA700J ETC2-PA700J Datasheet
2Mb / 15P
   Hexa-Band Cellular SMD Antenna
logo
Taoglas antenna solutio...
FXP14R.A.07.0100A TAOGLAS-FXP14R.A.07.0100A_13 Datasheet
557Kb / 9P
   FXP14 Hexa-Band Cellular Antenna
FXP14.24.0100B TAOGLAS-FXP14.24.0100B_13 Datasheet
402Kb / 7P
   FXP14 Hexa Band Cellular Antenna
FXP14.07.0100A TAOGLAS-FXP14.07.0100A_14 Datasheet
453Kb / 7P
   FXP14 Hexa Band Cellular Antenna
PA25A TAOGLAS-PA25A Datasheet
1Mb / 17P
   Anam Hexa-Band Cellular SMT Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com