Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPD3015-333MRD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPD3015-333MRD
Description  Coupled Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPD3015-333MRD Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPD3015-333MRD Datasheet HTML 1Page - Coilcraft lnc. LPD3015-333MRD Datasheet HTML 2Page - Coilcraft lnc. LPD3015-333MRD Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Coupled Inductors for SEPIC - LPD3015 Series
Document 661-2 Revised 07/13/16
Document 661-2
1. When ordering, please specify
termination and packaging codes:
LPD3015-334MRC
Termination: R = Matte tin over nickel over silver
Special order, added cost:
Q = RoHS tin-silver-cop-
per (95.5/4/0.5) or
P = non-RoHS tin-lead (63/37)
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter D instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (3500 parts
per full reel).
2. Inductance shown for each winding, measured at 100 kHz, 0.1 Vrms,
0 Adc on an Agilent/HP 4284A LCR meter or equivalent. When leads
are connected in parallel, inductance is the same value. When leads
are connected in series, inductance is four times the value.
3. DCR is for each winding. When leads are connected in parallel, DCR
is half the value. When leads are connected in series, DCR is twice the
value.
4. SRF measured using an Agilent/HP 4191A or equivalent. When leads
are connected in parallel, SRF is the same value.
5. Leakage Inductance is for L1 and is measured with L2 shorted
6. DC current at 25°C that causes the specified inductance drop from its
value without current. It is the sum of the current flowing in both windings.
7. Equal current when applied to each winding simultaneously that
causes a 40°C temperature rise from 25°C ambient. This information is
for reference only and does not represent absolute maximum ratings.
8. Maximum current when applied to one winding that causes a 40°C
temperature rise from 25°C ambient. This information is for reference
only and does not represent absolute maximum ratings.
9. Electrical specifications at 25°C.
Refer to Doc 639 “Selecting Coupled Inductors for SEPIC Applications.”
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Coupling
Leakage
Isat (A)6
Irms (A)
Inductance2 DCR max3 SRF typ4 coefficient
L typ5
10%
20%
30%
both
one
Part number1
±20% (µH)
(Ohms)
(MHz)
typ
(µH)
drop
drop
drop
windings7 winding8
LPD3015-391MR_
0.39
0.071
289
0.89
0.08
3.2
3.3
3.4
1.45
2.05
LPD3015-561MR_
0.56
0.079
235
0.93
0.08
2.7
2.8
2.8
1.37
1.94
LPD3015-102MR_
1.0
0.129
160
0.95
0.09
2.0
2.1
2.2
1.08
1.52
LPD3015-152MR_
1.5
0.204
140
0.96
0.11
1.6
1.7
1.8
0.86
1.20
LPD3015-182MR_
1.8
0.273
135
0.96
0.13
1.5
1.6
1.6
0.78
1.10
LPD3015-222MR_
2.2
0.300
110
0.97
0.14
1.5
1.6
1.6
0.75
1.05
LPD3015-332MR_
3.3
0.337
90
0.98
0.16
1.0
1.1
1.2
0.67
0.94
LPD3015-472MR_
4.7
0.503
79
0.98
0.18
0.86
0.87
0.88
0.54
0.76
LPD3015-682MR_
6.8
0.622
58
0.98
0.22
0.77
0.78
0.79
0.49
0.69
LPD3015-103MR_
10
1.040
48
0.99
0.28
0.58
0.59
0.60
0.38
0.53
LPD3015-153MR_
15
1.420
35
0.99
0.37
0.49
0.50
0.51
0.32
0.46
LPD3015-183MR_
18
1.550
33
0.99
0.42
0.46
0.47
0.48
0.31
0.44
LPD3015-223MR_
22
1.89
30
0.99
0.48
0.42
0.43
0.44
0.28
0.40
LPD3015-333MR_
33
2.84
23
0.99
0.63
0.34
0.35
0.36
0.23
0.32
LPD3015-473MR_
47
4.03
17
0.99
0.81
0.28
0.29
0.30
0.19
0.27
LPD3015-683MR_
68
6.11
14
0.99
1.13
0.24
0.25
0.26
0.16
0.22
LPD3015-104MR_
100
8.54
11
0.99
1.50
0.20
0.21
0.22
0.13
0.19
LPD3015-124MR_
120
9.23
9.0
0.99
1.76
0.19
0.20
0.20
0.13
0.18
LPD3015-154MR_
150
12.40
8.0
0.99
2.22
0.16
0.17
0.18
0.11
0.16
LPD3015-184MR_
180
15.32
7.5
0.99
2.79
0.15
0.16
0.17
0.10
0.14
LPD3015-224MR_
220
18.56
6.0
0.99
3.56
0.13
0.14
0.15
0.09
0.13
LPD3015-334MR_
330
27.70
5.0
0.99
5.18
0.11
0.12
0.12
0.07
0.10
Coupled Inductor Core and Winding Loss Calculator
This web-based utility allows you to enter frequency, peak-to-peak
(ripple) current, and
Irms current to predict temperature rise and
overall losses, including core loss. Go to online calculator.
Core material Ferrite
Core and winding loss Go to online calculator
Weight 45 – 52 mg
Terminations RoHS compliant matte tin over nickel over silver.
Other terminations available at additional cost.
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise).
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Winding to winding isolation 100 Vrms
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.26 mm thick, 8 mm pocket spacing, 1.65 mm pocket depth
Recommended pick and place nozzle OD: 3 mm; ID:
≤ 1.5 mm
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.


Similar Part No. - LPD3015-333MRD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPD3015-333ML COILCRAFT-LPD3015-333ML Datasheet
249Kb / 3P
   Coupled Inductors for SEPIC
LPD3015-333ML COILCRAFT-LPD3015-333ML Datasheet
138Kb / 3P
   Coupled Inductors ??LPD3015
LPD3015-333ML COILCRAFT-LPD3015-333ML Datasheet
149Kb / 3P
   Coupled Inductors LPD3015
LPD3015-333MLB COILCRAFT-LPD3015-333MLB Datasheet
349Kb / 3P
   Coupled Inductors ??LPD3015
LPD3015-333MLC COILCRAFT-LPD3015-333MLC Datasheet
149Kb / 3P
   Coupled Inductors LPD3015
More results

Similar Description - LPD3015-333MRD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
   Coupled Inductors
MSD1260-103MLD COILCRAFT-MSD1260-103MLD Datasheet
251Kb / 3P
   Coupled Inductors
LPD5030 COILCRAFT-LPD5030 Datasheet
275Kb / 3P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com