Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021CV33-10BAI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1021CV33-10BAI
Description  64K x 16 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021CV33-10BAI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1021CV33-10BAI Datasheet HTML 2Page - Cypress Semiconductor CY7C1021CV33-10BAI Datasheet HTML 3Page - Cypress Semiconductor CY7C1021CV33-10BAI Datasheet HTML 4Page - Cypress Semiconductor CY7C1021CV33-10BAI Datasheet HTML 5Page - Cypress Semiconductor CY7C1021CV33-10BAI Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV33-10BAI Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV33-10BAI Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV33-10BAI Datasheet HTML 9Page - Cypress Semiconductor CY7C1021CV33-10BAI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CY7C1021CV33
Document #: 38-05132 Rev. *C
Page 6 of 12
Switching Waveforms
Notes:
10. Device is continuously selected. OE, CE, BHE and/or BHE = VIL.
11. WE is HIGH for Read cycle.
12. Address valid prior to or coincident with CE transition LOW.
Read Cycle No. 1
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
[10, 11]
Read Cycle No. 2 (OE Controlled)
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZBE
tPD
HIGH
OE
CE
ICC
ISB
IMPEDANCE
ADDRESS
DATA OUT
VCC
SUPPLY
tDBE
tLZBE
tHZCE
BHE, BLE
[11, 12]
CURRENT
ICC
ISB


Similar Part No. - CY7C1021CV33-10BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV33-10BAXI CYPRESS-CY7C1021CV33-10BAXI Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33-10BAXI CYPRESS-CY7C1021CV33-10BAXI Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021CV33-10BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BV33 CYPRESS-CY7C1021BV33 Datasheet
239Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com