Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9232DY-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG9232DY-T1-E3
Description  Low-Voltage Dual SPST Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9232DY-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG9232DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG9232DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG9232DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG9232DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG9232DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG9232DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG9232DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 70837
S-71009–Rev. E, 14-May-07
Vishay Siliconix
DG9232/9233
Notes:
a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC Board.
c. Derate 6.5 mW/°C above 70 °C.
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. Typical values are for design aid only, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Difference of min and max values.
g. Guaranteed by 5-V leakage tests, not production tested.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Reference V+ to GND
- 0.3 to + 13
V
IN, COM, NC, NOa
- 0.3 to (V+ + 0.3)
Continuous Current (Any terminal)
± 20
mA
Peak Current (Pulsed at 1 ms, 10 % duty cycle)
± 40
ESD (Method 3015.7)
> 2000
V
Storage Temperature
D Suffix
- 65 to 125
°C
Power Dissipation (Packages)b
8-Pin Narrow Body SOICc
400
mW
SPECIFICATIONS (V+ = 3 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %, VIN = 0.8 V or 2.4 V
e
Tempa
D Suffix
- 40 to 85 °C
Unit
Minc
Typb
Maxc
Analog Switch
Analog Signal Ranged
VANALOG
Full
0
3
V
Drain-Source On-Resistance
rDS(on)
VNO or VNC = 1.5 V, V+ = 2.7 V
ICOM = 5 mA
Room
Full
30
50
80
Ω
rDS(on) Match
d
Δr
DS(on)
VNO or VNC = 1.5 V
Room
0.4
2
rDS(on) Flatness
d
rDS(on)
Flatness
VNO or VNC = 1 and 2 V
Room
4
8
NO or NC Off Leakage Currentg
INO/NC(off)
VNO or VNC = 1 V/2 V, VCOM = 2 V/1 V
Room
Full
- 100
- 5000
5
100
5000
pA
COM Off Leakage Currentg
ICOM(off)
VCOM = 1 V/2 V, VNO or VNC = 2 V/1 V
Room
Full
- 100
- 5000
5
100
5000
Channel-On Leakage Currentg
ICOM(on)
VCOM = VNO or VNC = 1 V/2 V
Room
Full
- 200
- 10000
10
200
10000
Digital Control
Input Current
IINL or IINH
Full
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 1.5 V
Room
Full
50
120
200
ns
Turn-Off Time
tOFF
Room
Full
20
50
120
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω
Room
1
5
pC
Off-Isolation
OIRR
RL = 50 Ω, CL = 5 pF, f = 1 MHz
Room
- 74
dB
Crosstalk
XTALK
Room
- 90
NC and NO Capacitance
CS(off)
f = 1 MHz
Room
7
pF
Channel-On Capacitance
CCOM(on)
Room
20
COM-Off Capacitance
CCOM(off)
Room
13
Power Supply
Positive Supply Range
V+
2.7
12
V
Power Supply Current
I+
V+ = 3.3 V, VIN = 0 or 3.3 V
1µA


Similar Part No. - DG9232DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9232DY-T1-E3 VISHAY-DG9232DY-T1-E3 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9232DY-T1-E3 VISHAY-DG9232DY-T1-E3 Datasheet
216Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG9232DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
   Low-Voltage Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com