Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO3316H-331MLC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO3316H-331MLC
Description  SMT Power Inductors - DO3316H Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3316H-331MLC Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO3316H-331MLC Datasheet HTML 1Page - Coilcraft lnc. DO3316H-331MLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMT Power Inductors - DO3316H Series
TypicalLvsFrequency
TypicalLvsCurrent
Document 196-2
Document 196-2 Revised 09/25/12
0.1
10
100
0.01
0.1
110
Frequency (MHz)
1
3.3 µH
1.5 µH
0.33 µH
0.1
1
10
100
0.01
0.1
110
Current (A)
3.3 µH
0.33 µH
1.5 µH
Recommended
Land Pattern
0.060
1,52
0.160
4,06
0.330
8,38
0.400
10,16
0.390
9,91
max
0.250
6,35
max
0.150
3,81
0.120
3,05
typ
0.520
13,21
0.460
11,68
max
max
0.360
9.14
min
Internal code
Dash number
Part marking since Feb. 2005. Parts manufactured
prior to that date mayhave color dots.
Visit www.coilcraft.com/colrpowr.cfm
for color dot marking details.
IrmsDerating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Dimensions are in
inches
mm


Similar Part No. - DO3316H-331MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316H-331ML COILCRAFT-DO3316H-331ML Datasheet
213Kb / 2P
   SMT Power Inductors
DO3316H-331ML COILCRAFT-DO3316H-331ML Datasheet
273Kb / 2P
   SMT Power Inductors - DO3316H Series
DO3316H-331ML COILCRAFT-DO3316H-331ML Datasheet
273Kb / 2P
   SMT Power Inductors - DO3316H Series
DO3316H-331MLB COILCRAFT-DO3316H-331MLB Datasheet
266Kb / 2P
   SMT Power Inductors - DO3316H Series
More results

Similar Description - DO3316H-331MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3316P-222HC COILCRAFT-DO3316P-222HC Datasheet
273Kb / 2P
   SMT Power Inductors - DO3316H Series
DO3316H-102MLD COILCRAFT-DO3316H-102MLD Datasheet
266Kb / 2P
   SMT Power Inductors - DO3316H Series
DO3316P-222HC COILCRAFT-DO3316P-222HC Datasheet
273Kb / 2P
   SMT Power Inductors - DO3316H Series
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO5010H-105MLD COILCRAFT-DO5010H-105MLD Datasheet
379Kb / 2P
   SMT Power Inductors - DO5010H Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
SD54 COILCRAFT-SD54_15 Datasheet
454Kb / 2P
   SMT Power Inductors ??SD54 Series
SD43 COILCRAFT-SD43_15 Datasheet
392Kb / 2P
   SMT Power Inductors ??SD43 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com