Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

132-14SMGLD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 132-14SMGLD
Description  Maxi Spring??Air Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

132-14SMGLD Datasheet(HTML) 2 Page - Coilcraft lnc.

  132-14SMGLD Datasheet HTML 1Page - Coilcraft lnc. 132-14SMGLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document 185-2
Document 185-2 Revised 10/13/15
Maxi Spring™ Air Core Inductors
Typical L vs Frequency
Typical Q vs Frequency
1
10
Frequency (MHz)
100
1000
90 nH
246 nH
422 nH
169 nH
1000
900
800
700
600
500
400
300
200
100
0
110
Frequency (MHz)
100
1000
90 nH
246 nH
422 nH
169 nH
250
200
150
100
50
0
135°
max
0° min
Recommended
Land Pattern
Strip
Length
0.095
2,41
0.185
4,70
0.080
2,04
0.314
7,98
0.415
0.260
0.235
0.314 ±0.020 inches
A max
B max
C max
DE
0.240 ±0.015
10,55
6,60
5,97
6,10 ±0,38
7,98 ±0,51
mm
E
B
D
C
A
Dimensions are in
inches
mm
Designer’s Kit C319 contains 8 each of all 5% values.
Designer’s Kit C319-2 contains 8 each of all 2% values.


Similar Part No. - 132-14SMGLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
132-14SMGLD COILCRAFT-132-14SMGLD Datasheet
320Kb / 2P
   Maxi Spring Air Core Inductors
132-14SMGLD COILCRAFT-132-14SMGLD Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
More results

Similar Description - 132-14SMGLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
132-12SMJLD COILCRAFT-132-12SMJLD Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
132-09SM-L COILCRAFT-132-09SM-L Datasheet
221Kb / 2P
   Maxi Spring??Air Core Inductors
132-20SMGLD COILCRAFT-132-20SMGLD Datasheet
320Kb / 2P
   Maxi Spring Air Core Inductors
logo
XFMRS Inc.
XFA01TK XFMRS-XFA01TK Datasheet
75Kb / 1P
   Micro Spring Air Core Inductors
logo
Coilcraft lnc.
A01TKL COILCRAFT-A01TKL Datasheet
240Kb / 2P
   Mini Spring??Air Core Inductors
logo
XFMRS Inc.
1812-47NJ XFMRS-1812-47NJ Datasheet
126Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMG XFMRS-XF132-10SMG Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMJ XFMRS-XF132-10SMJ Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-15SMJ XFMRS-XF132-15SMJ Datasheet
109Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-19SMJ XFMRS-XF132-19SMJ Datasheet
75Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com