Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1508-9N0GLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1508-9N0GLB
Description  Low Profile Mini Spring??Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1508-9N0GLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  1508-9N0GLB Datasheet HTML 1Page - Coilcraft lnc. 1508-9N0GLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Profile Mini SpringInductors
Document 404-1
Document 404-1 Revised 10/13/15
Part
Inductance2
Percent
Q2
SRF min4
DCR max5
Irms6
Wt
number1
Turns
(nH)
tol3
min
(GHz)
(mOhm)
(A)
(mg)
1508-5N5_L_
3
5.5
5,2
115
5.0
2.6
4.0
52
1508-9N0_L_
4
9.0
5,2
120
4.0
3.4
4.0
65
1508-13N_L_
5
13.0
5,2
100
3.0
3.9
4.0
78
2508-16N_L_
7
16.0
5,2
110
3.0
5.2
4.0
110
2508-18N_L_
8
18.0
5,2
110
2.9
6.0
4.0
118
2508-23N_L_
9
23.0
5,2
110
2.6
6.8
4.0
133
2508-27N_L_
10
27.0
5,2
110
2.3
7.9
4.0
147
1. Specify
tolerance, termination and packaging codes:
2508-27NJLC
Tolerance:
G = 2% J = 5%
Termination: L = RoHS compliant tin-silver (96.5/3.5) over copper.
Special order: T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (3500 parts per
full reel).
Designer’s Kit C394 contains 10 samples each 5% part
Designer’s Kit C394-2 contains 10 samples each 2% part
Terminations RoHS compliant tin-silver over copper. Other termina-
tions available at additional cost.
Weight 48 – 130 g
Ambient temperature –40°C to +125°C with
Irms current
Maximum part temperature +140°C (ambient + temp rise).
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 2 mm wide,
0.23 mm thick, 8 mm pocket spacing, 2.2 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Only 2 mm tall
• High Q over a wide range of frequencies
• Low DCR and excellent current handling capability
2. L and Q measured at 250 MHz, 0.1 Vrms, 0 A using an Agilent/HP
4291A impedance analyzer with an Agilent/HP 16193A test fixture.
3. Tolerances in bold are stocked for immediate shipment.
4. SRF measured using an Agilent/HP 8753 network analyzer and a Coil-
craft SMD-D test fixture.
5. DCR measured using a micro-ohmmeter.
6. Current that causes a 15°C temperature rise from 25°C ambient. This
information is for reference only and does not represent absolute
maximum ratings.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - 1508-9N0GLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1508-9N0-L COILCRAFT-1508-9N0-L Datasheet
221Kb / 2P
   Low Profile Mini Spring??Inductors
More results

Similar Description - 1508-9N0GLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1508-5N5-L COILCRAFT-1508-5N5-L Datasheet
221Kb / 2P
   Low Profile Mini Spring??Inductors
A01TKL COILCRAFT-A01TKL Datasheet
240Kb / 2P
   Mini Spring??Air Core Inductors
A02TGLC COILCRAFT-A02TGLC Datasheet
252Kb / 2P
   Mini Spring Air Core Inductors
A03TJLC COILCRAFT-A03TJLC Datasheet
294Kb / 2P
   Mini Spring Air Core Inductors
A05TGLC COILCRAFT-A05TGLC Datasheet
294Kb / 2P
   Mini Spring Air Core Inductors
logo
ECM Electronics Limited...
ACS-C2N5 ECM-ACS-C2N5 Datasheet
56Kb / 1P
   SMD Mini Spring Coils
logo
Cooper Bussmann, Inc.
FP3-R10-R COOPER-FP3-R10-R Datasheet
139Kb / 3P
   Low Profile Inductors
logo
ECM Electronics Limited...
ACSC ECM-ACSC Datasheet
57Kb / 1P
   ECM SMD Mini Spring Coils
logo
RENCO ELECTRONICS, INC.
RL-1160 RENCO-RL-1160 Datasheet
1Mb / 2P
   MINI-INDUCTORS
logo
Superworld Electronics
SPS4015FT SUPERWORLD-SPS4015FT Datasheet
717Kb / 9P
   Low Profile Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com