Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1616AS25X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN1616AS25X
Description  0.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1616AS25X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN1616AS25X Datasheet HTML 1Page - Fairchild Semiconductor FAN1616AS25X Datasheet HTML 2Page - Fairchild Semiconductor FAN1616AS25X Datasheet HTML 3Page - Fairchild Semiconductor FAN1616AS25X Datasheet HTML 4Page - Fairchild Semiconductor FAN1616AS25X Datasheet HTML 5Page - Fairchild Semiconductor FAN1616AS25X Datasheet HTML 6Page - Fairchild Semiconductor FAN1616AS25X Datasheet HTML 7Page - Fairchild Semiconductor FAN1616AS25X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PRODUCT SPECIFICATION
FAN1616A
2
REV. 1.0.5 3/1/02
Pin Assignments
*With package soldered to 0.5 square inch copper area over backside ground plane or internal power plane,
ΘJA can vary from
30°C/W to >50°C/W. Other mounting techniques may provide better power dissipation than 30°C/W.
Absolute Maximum Ratings
Figure 1. Absolute Maximum Safe Operating Area
Parameter
Min.
Max.
Unit
VIN
18
V
(VIN–VOUT) * IOUT
See Figure 1
Operating Junction Temperature Range
-40
125
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
Front View
Front View
FAN1616AS (Variable)
FAN1616AS-X (Fixed)
FAN1616AD (Variable)
FAN1616AD-X (Fixed)
4-Lead Plastic SOT-223
Θ
JC = 15°C/W*
3-Lead Plastic TO-252
Θ
JC = 3°C/W*
Tab is
OUT
Tab is OUT
1
ADJ/
GND
IN
2
3
3
2
1
IN
OUT
ADJ/GND
0.6
0.5
0.4
0.3
0.2
0.1
0
06
8
10
12
4
2
VIN – VOUT (V)


Similar Part No. - FAN1616AS25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
   1.5A LDO, DDR Bus Termination Regulator
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655 FAIRCHILD-FAN1655 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
FAN1655M FAIRCHILD-FAN1655M Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
More results

Similar Description - FAN1616AS25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1616 FAIRCHILD-RC1616 Datasheet
327Kb / 8P
   0.5A Adjustable/Fixed Low Dropout Linear Regulator
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com