Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG20G Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BYG20G
Description  ULTRFAST AVALANCHE RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYG20G Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BYG20G Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYG20G Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( BYG20D - BYG20J )
FIG.1 - MAX. AVERAGE FORWARD CURRENT
FIG.2 - DIODE CAPACITANCE VS.
VS. AMBIENT TEMPERATURE
REVERSE VOLTAGE
0
25
50
75
100
125
150
0.1
1.0
10
AMBIENT TEMPERATURE, (
°C)
REVERSE VOLTAGE, (V)
FIG.3 - FORWARD CURRENT VS.
FIG.4 - REVERSE CURRENT VS.
FORWARD VOLTAGE
JUNCTION TEMPERATURE
0
0.5
1.0
1.5
2.0
2.5
3.0
25
50
75
100
125
150
1.2
0.9
0.6
0.3
1.5
100
20
0
25
0
15
10
5
1.0
0.1
1.0
10
JUNCTION TEMPERATURE, (°C)
0.01
f = 1 MHz
TJ = 25 °C
VR = VRRM
Half Sine Wave
RӨJA 25 ≤ K/W
10
0.001
FORWARD VOLTAGE, (V)
TJ = 150 °C
VR = VRRM
2 of 2
www.sunmate.tw


Similar Part No. - BYG20G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG20G VISHAY-BYG20G Datasheet
59Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
BYG20G VISHAY-BYG20G Datasheet
108Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
logo
EIC discrete Semiconduc...
BYG20G EIC-BYG20G Datasheet
151Kb / 2P
   ULTRAFAST AVALANCHE RECTIFIERS
logo
Shenzhen Luguang Electr...
BYG20G LUGUANG-BYG20G Datasheet
170Kb / 2P
   Ultra Fast SMD Rectifiers
logo
Shenzhen Taychipst Elec...
BYG20G TAYCHIPST-BYG20G Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
More results

Similar Description - BYG20G

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKEA1 SEMIKRON-SKEA1 Datasheet
330Kb / 5P
   avalanche rectifier diodes
logo
SUNMATE electronic Co.,...
BYW54 SUNMATE-BYW54 Datasheet
308Kb / 2P
   AVALANCHE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW54 EIC-BYW54_V01 Datasheet
111Kb / 2P
   AVALANCHE RECTIFIER DIODES
Rev. 05:February 12, 2009
BYW54 EIC-BYW54 Datasheet
50Kb / 2P
   AVALANCHE RECTIFIER DIODES
BYM56A EIC-BYM56A Datasheet
177Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
BYD13D EIC-BYD13D Datasheet
46Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX39 NJSEMI-BYX39 Datasheet
180Kb / 3P
   CONTROLLED AVALANCHE RECTIFIER DIODES
BYX56 NJSEMI-BYX56 Datasheet
187Kb / 3P
   CONTROLLED AVALANCHE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYV95A EIC-BYV95A Datasheet
19Kb / 2P
   AVALANCHE FAST RECOVERY RECTIFIER DIODES
BYV95A EIC-BYV95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com