Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO3340P-334MLB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # DO3340P-334MLB
Description  SMT Power Inductors ??DO3340P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3340P-334MLB Datasheet(HTML) 2 Page - Coilcraft lnc.

  DO3340P-334MLB Datasheet HTML 1Page - Coilcraft lnc. DO3340P-334MLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMT Power Inductors – DO3340P Series
Document 171-2
Document 171-2 Revised 01/12/11
Typical L vs Frequency
Typical L vs Current
IrmsDerating
Dimensions are in
inches
mm
0.510
12,95
max
0.370
9,40
max
0.100
2,54
0.300
7,62
0.100
2,54
0.450
11,43
Recommended
Land Pattern
typ
0.115
2,92
0.405
10,29
0.110
2,79
max
Start
Finish
Internal code
Dash number
0.145
3,69
*
*
Allowan additional 0.01/0,254
in length and 0.005/0,127 in
height for optional
tin-silver-copper application.
tin-lead and
*
Part marking since Feb. 2005.
Parts manufactured prior to that
date mayhave color dots. Visit
www.coilcraft.com/colrpowr.cfm
for color dot marking details.
0.333
8,47
0.01
0.1
110
1
100
1000
10000
0.01
0.1
110
10
Frequency (MHz)
10 µH
100 µH
1000 µH
1
10
100
1000
10000
0.1
1
10
100
Current (A)
100 µH
10 µH
1000 µH
-40
-20
020406080
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - DO3340P-334MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3340P-334MLB COILCRAFT-DO3340P-334MLB Datasheet
326Kb / 2P
   SMT Power Inductors - DO3340P
DO3340P-334MLB COILCRAFT-DO3340P-334MLB Datasheet
296Kb / 2P
   SMT Power Inductors - DO3340P
More results

Similar Description - DO3340P-334MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3340P-104 COILCRAFT-DO3340P-104 Datasheet
296Kb / 2P
   SMT Power Inductors - DO3340P
DO3340P-224MLD COILCRAFT-DO3340P-224MLD Datasheet
326Kb / 2P
   SMT Power Inductors - DO3340P
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com