Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7111225DSER Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7111225DSER
Description  Over-Current and Thermal Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7111225DSER Datasheet(HTML) 3 Page - Texas Instruments

  TLV7111225DSER Datasheet HTML 1Page - Texas Instruments TLV7111225DSER Datasheet HTML 2Page - Texas Instruments TLV7111225DSER Datasheet HTML 3Page - Texas Instruments TLV7111225DSER Datasheet HTML 4Page - Texas Instruments TLV7111225DSER Datasheet HTML 5Page - Texas Instruments TLV7111225DSER Datasheet HTML 6Page - Texas Instruments TLV7111225DSER Datasheet HTML 7Page - Texas Instruments TLV7111225DSER Datasheet HTML 8Page - Texas Instruments TLV7111225DSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TLV710 Series
TLV711 Series
www.ti.com
SBVS142A – JULY 2010 – REVISED AUGUST 2010
ELECTRICAL CHARACTERISTICS
At TJ = +25°C, VIN = VOUT(TYP) + 0.5V or 2.0V (whichever is greater), IOUT = 10mA, VEN1 = VEN2 = 0.9V, and COUT1 = COUT2 =
1mF, unless otherwise noted.
TLV710, TLV711
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.0
5.5
V
VO
Output voltage range
1.2
4.8
V
VOUT
DC output accuracy
–40°C
≤ TJ ≤ +125°C
–2
+2
%
ΔVO/ΔVIN
Line regulation
VOUT(NOM) + 0.5V ≤ VIN ≤ 5.5V
1
5
mV
ΔVO/ΔIOUT
Load regulation
0mA
≤ IOUT ≤ 200mA
5
15
mV
VIN = 0.98V × VOUT(NOM), IOUT = 200mA,
200
285
mV
2V
≤ VOUT < 2.4V
VIN = 0.98V × VOUT(NOM), IOUT = 200mA,
175
250
mV
2.4V
≤ VOUT < 2.8V
VDO
Dropout voltage
VIN = 0.98V × VOUT(NOM), IOUT = 200mA,
150
215
mV
2.8V
≤ VOUT < 3.3V
VIN = 0.98V × VOUT(NOM), IOUT = 200mA,
140
200
mV
3.3V
≤ VOUT ≤ 4.8V
ICL
Output current limit
VOUT = 0.9V × VOUT(NOM)
220
350
550
mA
VEN1 = high, VEN2 = low, IOUT1 = 0mA
35
mA
IQ
Quiescent current
VEN1 = low, VEN2 = high, IOUT2 = 0mA
35
mA
VEN1 = high, VEN2 = high, IOUT = 0mA
70
110
µA
IGND
Ground pin current
IOUT1 = IOUT2 = 200mA
360
µA
ISHUTDOWN
Shutdown current
VEN1,2 ≤ 0.4V, 2.0V ≤ VIN ≤ 4.5V
2.5
4
mA
f = 10Hz
80
dB
f = 100Hz
75
dB
PSRR
Power-supply rejection ratio
VOUT = 1.8V
f = 1kHz
70
dB
f = 10kHz
70
dB
f = 100kHz
50
dB
VN
Output noise voltage
BW = 100Hz to 100kHz, VOUT = 1.8V
48
mVRMS
tSTR
Startup time(1)
COUT = 1.0mF, IOUT = 200mA
100
ms
VHI
Enable high (enabled)
0.9
VIN
V
VLO
Enable low (shutdown)
0
0.4
V
TLV710, TLV711
0.04
mA
IEN
Enable pin current, enabled
TLV710-D, TLV711-D
6
mA
UVLO
Undervoltage lockout
VIN rising
1.9
V
TJ
Operating junction temperature
–40
+125
°C
Shutdown, temperature increasing
+165
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+145
°C
(1)
Startup time = time from EN assertion to 0.98 x VOUT(NOM).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TLV7111225DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7111225DSER TI1-TLV7111225DSER Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV7111225DSER

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
   Over voltage and over current protection IC
logo
Sangdest Microelectroni...
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
   Current Limiting and Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com