Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70225DSET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70225DSET
Description  Thermal Shutdown and Overcurrent Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70225DSET Datasheet(HTML) 1 Page - Texas Instruments

  TLV70225DSET Datasheet HTML 1Page - Texas Instruments TLV70225DSET Datasheet HTML 2Page - Texas Instruments TLV70225DSET Datasheet HTML 3Page - Texas Instruments TLV70225DSET Datasheet HTML 4Page - Texas Instruments TLV70225DSET Datasheet HTML 5Page - Texas Instruments TLV70225DSET Datasheet HTML 6Page - Texas Instruments TLV70225DSET Datasheet HTML 7Page - Texas Instruments TLV70225DSET Datasheet HTML 8Page - Texas Instruments TLV70225DSET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TLV702xx
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV702
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
1 Features
3 Description
The TLV702 series of low-dropout (LDO) linear
1
Very Low Dropout:
regulators are low quiescent current devices with
37 mV at IOUT = 50 mA, VOUT = 2.8 V
excellent line and load transient performance. These
75 mV at IOUT = 100 mA, VOUT = 2.8 V
LDOs are designed for power-sensitive applications.
A precision bandgap and error amplifier provides
220mV at IOUT = 300 mA, VOUT = 2.8 V
overall 2% accuracy. Low output noise, very high
2% Accuracy
power-supply rejection ratio (PSRR), and low-dropout
Low IQ: 35 μA
voltage make this series of devices ideal for a wide
selection of battery-operated handheld equipment. All
Fixed-Output Voltage Combinations Possible from
device versions have thermal shutdown and current
1.2 V to 4.8 V
limit for safety.
High PSRR: 68 dB at 1 kHz
Furthermore, these devices are stable with an
Stable With Effective Capacitance of 0.1
μF(1)
effective output capacitance of only 0.1
μF. This
Thermal Shutdown and Overcurrent Protection
feature enables the use of cost-effective capacitors
Packages: 5-Pin SOT-23 and 1.5-mm × 1.5-mm,
that have higher bias voltages and temperature
6-Pin WSON
derating. The devices regulate to specified accuracy
with no output load.
(1)
See the Input and Output Capacitor Requirements in
Application Information.
The TLV702P series also provides an active pulldown
circuit to quickly discharge the outputs.
2 Applications
The TLV702 series of LDO linear regulators are
Wireless Handsets
available in SOT23-5 and 1.5-mm × 1.5-mm SON-6
Smart Phones
packages.
ZigBee® Networks
Device Information(1)
Bluetooth® Devices
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Li-Ion Battery-Operated Handheld Products
SOT-23 (5)
2.90 mm × 1.60 mm
TLV702
WLAN and Other PC Add-on Cards
WSON (6)
1.50 mm × 1.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV70225DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70225DSET TI1-TLV70225DSET Datasheet
710Kb / 26P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator High PSRR: 68 dB at 1 kHz
FEBRUARY2011
TLV70225DSET TI1-TLV70225DSET Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70225DSET TI1-TLV70225DSET Datasheet
1Mb / 28P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70225DSET TI1-TLV70225DSET Datasheet
1Mb / 32P
[Old version datasheet]   TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV70225DSET TI1-TLV70225DSET Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results

Similar Description - TLV70225DSET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
logo
Fairchild Semiconductor
KA378R12C FAIRCHILD-KA378R12C_05 Datasheet
57Kb / 8P
   Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
   Thermal shutdown protection and diagnosis
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
   Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
   Thermal shutdown protection
March 2014 Rev 1
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
logo
Dialog Semiconductor
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
   Thermal Shutdown Protection
logo
Unisonic Technologies
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
   Thermal Shutdown Protection
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
   Thermal Shutdown Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com