Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV71211DBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71211DBVR
Description  300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71211DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV71211DBVR Datasheet HTML 5Page - Texas Instruments TLV71211DBVR Datasheet HTML 6Page - Texas Instruments TLV71211DBVR Datasheet HTML 7Page - Texas Instruments TLV71211DBVR Datasheet HTML 8Page - Texas Instruments TLV71211DBVR Datasheet HTML 9Page - Texas Instruments TLV71211DBVR Datasheet HTML 10Page - Texas Instruments TLV71211DBVR Datasheet HTML 11Page - Texas Instruments TLV71211DBVR Datasheet HTML 12Page - Texas Instruments TLV71211DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
t
=
(120
R )
(120+R )
L
L
·
·
C
OUT
TLV712xx
www.ti.com
SBVS150A – SEPTEMBER 2010 – REVISED JANUARY 2011
APPLICATION INFORMATION
GENERAL DESCRIPTION
BOARD LAYOUT RECOMMENDATIONS TO
IMPROVE PSRR AND NOISE PERFORMANCE
The
TLV712xx
belongs
to
a
new
family
of
next-generation value LDO regulators. These devices
Input and output capacitors should be placed as
offer sub-bandgap output voltages; that is, output
close to the device pins as possible. To improve ac
voltages from 1.2 V all the way down to 0.7 V. These
performance such as PSRR, output noise, and
devices consume low quiescent current and deliver
transient response, it is recommended that the board
excellent line and load transient performance. These
be designed with separate ground planes for VIN and
characteristics, combined with low noise and very
VOUT, with the ground plane connected only at the
good PSRR with little (VIN – VOUT) headroom, make
GND pin of the device. In addition, the ground
this
family
of
devices
ideal
for
portable
RF
connection
for
the
output
capacitor
should
be
applications. This family of regulators offers current
connected directly to the GND pin of the device. High
limit and thermal protection, and is specified from
ESR capacitors may degrade PSRR performance.
–40°C to +125°C.
INTERNAL CURRENT LIMIT
INPUT AND OUTPUT CAPACITOR
The TLV712xx internal current limit helps to protect
REQUIREMENTS
the regulator during fault conditions. During current
1.0-mF X5R- and X7R-type ceramic capacitors are
limit, the output sources a fixed amount of current
recommended
because
these
capacitors
have
that is largely independent of the output voltage. In
minimal variation in value and equivalent series
such a case, the output voltage is not regulated, and
resistance (ESR) over temperature.
is VOUT = ILIMIT × RLOAD. The PMOS pass transistor
dissipates (VIN – VOUT) × ILIMIT until thermal shutdown
However, the TLV712xx is designed to be stable with
is triggered and the device turns off. As the device
an effective capacitance of 0.1 mF or larger at the
cools, it is turned on by the internal thermal shutdown
output. Thus, the device is stable with capacitors of
circuit. If the fault condition continues, the device
other dielectric types as well, as long as the effective
cycles between current limit and thermal shutdown.
capacitance
under
operating
bias
voltage
and
See the Thermal Information section for more details.
temperature is greater than 0.1 mF. This effective
capacitance refers to the capacitance that the LDO
The PMOS pass element in the TLV712xx has a
sees under operating bias voltage and temperature
built-in body diode that conducts current when the
conditions; that is, the capacitance after taking both
voltage at OUT exceeds the voltage at IN. This
bias
voltage
and
temperature
derating
into
current is not limited, so if extended reverse voltage
consideration. In addition to allowing the use of
operation is anticipated, external limiting to 5% of the
lower-cost dielectrics, this capability of being stable
rated output current is recommended.
with 0.1-mF effective capacitance also enables the
use of smaller footprint capacitors that have higher
SHUTDOWN
derating in size- and space-constrained applications.
The enable pin (EN) is active high. The device is
NOTE: Using a 0.1-mF rated capacitor at the output
enabled when voltage at EN pin goes above 0.9 V.
of the LDO does not ensure stability because the
This relatively lower voltage value required to turn on
effective capacitance under the specified operating
the LDO can also be used to power the device when
conditions would be less than 0.1 mF. Maximum ESR
it is connected to a GPIO of a newer processor,
should be less than 200 m
Ω.
where the GPIO Logic 1 voltage level is lower than
that of traditional microcontrollers. The device is
Although an input capacitor is not required for
turned off when the EN pin is held at less than 0.4 V.
stability, it is good analog design practice to connect
When shutdown capability is not required, EN can be
a 0.1-mF to 1.0-mF, low ESR capacitor across the IN
connected to the IN pin.
pin and GND pin of the regulator. This capacitor
counteracts reactive input sources and improves
The TLV712xxP version has internal active pull-down
transient
response,
noise
rejection,
and
ripple
circuitry that discharges the output with a time
rejection. A higher-value capacitor may be necessary
constant of:
if large, fast rise-time load transients are anticipated,
or if the device is not located close to the power
source. If source impedance is more than 2
Ω, a
0.1-mF input capacitor may be necessary to ensure
where:
stability.
RL = Load resistance
COUT = Output capacitor
(1)
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TLV71211DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71211DBVR TI1-TLV71211DBVR Datasheet
869Kb / 24P
[Old version datasheet]   300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
More results

Similar Description - TLV71211DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV712XX TI1-TLV712XX Datasheet
869Kb / 24P
[Old version datasheet]   300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com