Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV71211DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71211DBVT
Description  300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71211DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV71211DBVT Datasheet HTML 1Page - Texas Instruments TLV71211DBVT Datasheet HTML 2Page - Texas Instruments TLV71211DBVT Datasheet HTML 3Page - Texas Instruments TLV71211DBVT Datasheet HTML 4Page - Texas Instruments TLV71211DBVT Datasheet HTML 5Page - Texas Instruments TLV71211DBVT Datasheet HTML 6Page - Texas Instruments TLV71211DBVT Datasheet HTML 7Page - Texas Instruments TLV71211DBVT Datasheet HTML 8Page - Texas Instruments TLV71211DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TLV712xx
www.ti.com
SBVS150A – SEPTEMBER 2010 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS
At VIN = 2.0 V, IOUT = 10 mA, VEN = 0.9 V, COUT = 1.0 mF, and TJ = –40°C to +125°C, unless otherwise noted. Typical values
are at TJ = +25°C.
SPACE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.0
5.5
V
VOUT
DC output accuracy
–20
6
+20
mV
ΔVO/ΔVIN
Line regulation
2 V
≤ VIN ≤ 5.5 V,
1
5
mV
ΔVO/ΔIOUT
Load regulation
0 mA
≤ IOUT ≤ 300 mA
1
15
mV
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
320
500
860
mA
IOUT = 0 mA
35
55
mA
IGND
Ground pin current
IOUT = 300 mA
370
mA
VEN ≤ 0.4 V
400
nA
ISHDN
Ground pin current (shutdown)
VEN ≤ 0.4 V, 2.0 V ≤ VIN ≤ 4.5 V,
1
2
mA
TJ = –40°C to +85°C
PSRR
Power-supply rejection ratio
f = 1 kHz
68
dB
BW = 100 Hz to 100 kHz,
VN
Output noise voltage
30
mVRMS
VOUT = 0.7 V
tSTR
Startup time(1)
IOUT = 300 mA
100
ms
VEN(HI)
Enable pin high (enabled)
0.9
VIN
V
VEN(LO)
Enable pin low (disabled)
0
0.4
V
IEN
Enable pin current
VIN = VEN = 5.5 V
0.04
mA
UVLO
Undervoltage lockout
VIN rising
1.9
V
Active pull-down resistance
RDISCHARGE
VEN = 0 V
120
Ω
(TLV712xxP only)
Shutdown, temperature increasing
+165
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+145
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
Startup time = time from EN assertion to 0.98 × VOUT(NOM).
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TLV71211DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71211DBVT TI1-TLV71211DBVT Datasheet
869Kb / 24P
[Old version datasheet]   300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
More results

Similar Description - TLV71211DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV712XX TI1-TLV712XX Datasheet
869Kb / 24P
[Old version datasheet]   300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com