Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV712 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV712
Description  300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV712 Datasheet(HTML) 1 Page - Texas Instruments

  TLV712 Datasheet HTML 1Page - Texas Instruments TLV712 Datasheet HTML 2Page - Texas Instruments TLV712 Datasheet HTML 3Page - Texas Instruments TLV712 Datasheet HTML 4Page - Texas Instruments TLV712 Datasheet HTML 5Page - Texas Instruments TLV712 Datasheet HTML 6Page - Texas Instruments TLV712 Datasheet HTML 7Page - Texas Instruments TLV712 Datasheet HTML 8Page - Texas Instruments TLV712 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TLV712xx
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
TLV712xxDBV
SOT23-5
(TOP VIEW)
OUT
N/C
IN
GND
EN
1
2
3
5
4
TLV712xxDSE
SON-6
(TOP VIEW)
EN
N/C
N/C
6
5
4
IN
GND
OUT
1
2
3
TLV712xx
www.ti.com
SBVS150A – SEPTEMBER 2010 – REVISED JANUARY 2011
300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
1
FEATURES
DESCRIPTION
234
2% Accuracy
The TLV712xx series of low-dropout linear regulators
(LDOs) are low quiescent current devices with
Low IQ: 35 mA
excellent line and load transient performance. These
Fixed-Output Voltage Combinations Possible
devices provide sub-bandgap output voltages; that is,
from 0.7 V to 1.15 V(1)
output voltages less than 1.2 V all the way down to
High PSRR: 68 dB at 1 kHz
0.7 V. Therefore, these LDOs can be used to power
processors with operating voltages less than 1.2 V.
Stable with Effective Capacitance of 0.1 mF
(2)
These
LDOs
are
designed
for
power-sensitive
Thermal Shutdown and Overcurrent Protection
applications. A precision bandgap and error amplifier
Packages: SOT23-5, 1,5-mm × 1,5-mm SON-6
provides overall 2% accuracy. Low output noise, very
high
power-supply
rejection
ratio
(PSRR),
and
(1)
For output voltage of 1.2 V and higher, see the TLV702 family
of devices.
low-dropout voltage make this series of devices ideal
for a wide selection of battery-operated handheld
(2)
See the Input and Output Capacitor Requirements in the
equipment.
All
device
versions
have
thermal
Application Information section.
shutdown and current limit for safety.
APPLICATIONS
Furthermore, these devices are stable with an
Wireless Handsets
effective output capacitance of only 0.1 mF. This
feature enables the use of cost-effective capacitors
Smart Phones, PDAs
that have higher bias voltages and temperature
MP3 Players
derating. The devices regulate to specified accuracy
ZigBee® Networks
with no output load.
Bluetooth® Devices
The TLV712xxP series also provides an active
Li-Ion Operated Handheld Products
pull-down circuit to quickly discharge the outputs.
WLAN and Other PC Add-on Cards
The TLV712xx series of LDO linear regulators are
available in SOT23-5 and 1,5-mm x 1,5-mm SON-6
packages.
Typical Application Circuit
(Fixed-Voltage Versions)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a registered trademark of Bluetooth SIG.
3
ZigBee is a registered trademark of the ZigBee Alliance.
4
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2010–2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71209DBVR TI1-TLV71209DBVR Datasheet
869Kb / 24P
[Old version datasheet]   300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
TLV71209DBVT TI1-TLV71209DBVT Datasheet
869Kb / 24P
[Old version datasheet]   300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
TLV71210DBVR TI1-TLV71210DBVR Datasheet
869Kb / 24P
[Old version datasheet]   300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
TLV71210DBVT TI1-TLV71210DBVT Datasheet
869Kb / 24P
[Old version datasheet]   300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
TLV71210DSER TI1-TLV71210DSER Datasheet
869Kb / 24P
[Old version datasheet]   300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
More results

Similar Description - TLV712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV712XX TI1-TLV712XX Datasheet
869Kb / 24P
[Old version datasheet]   300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1_18 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com