Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF85 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SF85
Description  SUPER FAST RECOVERY RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SF85 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SF85 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SF85 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
25
50
75
100
125
150
1
10
100
8.3 ms Half Sine-Wave
JEDEC Method
NUMBER OF CYCLES AT 60 Hz
Fig. 2 Maximum Non-Repetitive Surge Current
0.1
1.0
10
100
1000
020
40
60
80
100 120 140
T = 100ºC
C
T = 25ºC
C
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig.3 Typical Reverse Characteristics
0.1
1.0
10
40
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
TJ = 25ºC
Pulse Width - 300 ms
2% Duty Cycle
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Fig.4 Typical Instantaneous Forward Characteristics
20
30
40
50
60
70
80
90
1
10
100
1000
REVERSE VOLTAGE (VOLTS)
Fig.5Typical Junction Capacitance
TJ = 25ºC
0
2
4
6
8
10
0
50
100
150
180
CASE TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
Single Phase Half-Wave
60 Hz Resistive or Inductive Load
2 of 2
www.sunmate.tw


Similar Part No. - SF85

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF85 RECTRON-SF85 Datasheet
24Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
logo
Nantong Hornby Electron...
SF85 HORNBY-SF85 Datasheet
296Kb / 3P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Bytes
SF85 BYTES-SF85 Datasheet
165Kb / 2P
   8.0 AMP SUPER FAST RECTIFIERS
logo
Zibo Seno Electronic En...
SF85 ZSELEC-SF85 Datasheet
136Kb / 2P
   8.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Dc Components
SF85 DCCOM-SF85 Datasheet
529Kb / 2P
   TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results

Similar Description - SF85

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SF1010 SUNMATE-SF1010 Datasheet
354Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODES
logo
RFE international
UG2A RFE-UG2A Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG2AA RFE-UG2AA Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
U1AF RFE-U1AF Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
UG3AB RFE-UG3AB Datasheet
2Mb / 3P
   Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
logo
Mitsubishi Electric Sem...
RM35HG-34S MITSUBISHI-RM35HG-34S Datasheet
22Kb / 2P
   Super Fast Recovery Diodes
logo
EIC discrete Semiconduc...
BYW98-50S EIC-BYW98-50S Datasheet
50Kb / 2P
   SUPER FAST RECOVERY DIODES
logo
Guangdong Kexin Industr...
MUR105F KEXIN-MUR105F Datasheet
1Mb / 3P
   Super Fast Recovery Diodes
logo
New Jersey Semi-Conduct...
BYW98-50S NJSEMI-BYW98-50S Datasheet
150Kb / 2P
   SUPER FAST RECOVERY DIODES
logo
Rohm
RFUS20NS4S ROHM-RFUS20NS4S Datasheet
191Kb / 1P
   Super Fast Recovery Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com