Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV803S Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV803S
Description  3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV803S Datasheet(HTML) 2 Page - Texas Instruments

  TLV803S Datasheet HTML 1Page - Texas Instruments TLV803S Datasheet HTML 2Page - Texas Instruments TLV803S Datasheet HTML 3Page - Texas Instruments TLV803S Datasheet HTML 4Page - Texas Instruments TLV803S Datasheet HTML 5Page - Texas Instruments TLV803S Datasheet HTML 6Page - Texas Instruments TLV803S Datasheet HTML 7Page - Texas Instruments TLV803S Datasheet HTML 8Page - Texas Instruments TLV803S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TLV803M, TLV803R
TLV803S, TLV803Z
SBVS157A
– APRIL 2011 – REVISED JUNE 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
THRESHOLD
PACKAGE-
PACKAGE
OPERATING
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
VOLTAGE
LEAD
DESIGNATOR
TEMPERATURE
MARKING
INFORMATION
QUANTITY
TLV803ZDBZR
Tape and Reel, 3000
TLV803Z
2.25 V
SOT23-3
DBZ
–40°C TO +125°C
VORQ
TLV803ZDBZT
Tape and Reel, 250
TLV803RDBZR
Tape and Reel, 3000
TLV803R
2.64 V
SOT23-3
DBZ
–40°C TO +125°C
VOSQ
TLV803RDBZT
Tape and Reel, 250
TLV803SDBZR
Tape and Reel, 3000
TLV803S
2.93 V
SOT23-3
DBZ
–40°C TO +125°C
VOTQ
TLV803SDBZT
Tape and Reel, 250
TLV803MDBZR
Tape and Reel, 3000
TLV803M
4.38 V
SOT23-3
DBZ
–40°C TO +125°C
VOUQ
TLV803MDBZT
Tape and Reel, 250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted) .
VALUE
MIN
MAX
UNIT
VDD
(2)
0
7
V
Voltage
All other pins(2)
–0.3
7
V
Maximum low output current, IOL
5
mA
Maximum high output current, IOH
–5
mA
Current
Input clamp current, IIK (VI < 0 or VI > VDD)
±20
mA
Output clamp current, IOK (VO < 0 or VO > VDD)
±20
mA
Operating free-air temperature range, TA
–40
+125
°C
Temperature
Storage temperature range, Tstg
–65
+150
°C
Soldering temperature
+260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation the device should not be operated at 7 V for more than t = 1000h
continuously
THERMAL INFORMATION
TLV803
THERMAL METRIC(1)
DBZ
UNITS
3 PINS
θJA
Junction-to-ambient thermal resistance
286.9
θJCtop
Junction-to-case (top) thermal resistance
105.6
θJB
Junction-to-board thermal resistance
124.4
°C/W
ψJT
Junction-to-top characterization parameter
25.8
ψJB
Junction-to-board characterization parameter
107.9
θJCbot
Junction-to-case (bottom) thermal resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TLV803M TLV803R TLV803S TLV803Z


Similar Part No. - TLV803S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV803S TI1-TLV803S Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803SDBZR TI1-TLV803SDBZR Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803SDBZR TI1-TLV803SDBZR Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803SDBZT TI1-TLV803SDBZT Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803SDBZT TI1-TLV803SDBZT Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
More results

Similar Description - TLV803S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV803 TI1-TLV803_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803M TI1-TLV803M Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
[Old version datasheet]   3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV810M TI1-TLV810M_13 Datasheet
794Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
   Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
   Low Power 5V uP Reset Active LOW, Open - Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com