Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV71718PDQNR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71718PDQNR
Description  TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71718PDQNR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV71718PDQNR Datasheet HTML 6Page - Texas Instruments TLV71718PDQNR Datasheet HTML 7Page - Texas Instruments TLV71718PDQNR Datasheet HTML 8Page - Texas Instruments TLV71718PDQNR Datasheet HTML 9Page - Texas Instruments TLV71718PDQNR Datasheet HTML 10Page - Texas Instruments TLV71718PDQNR Datasheet HTML 11Page - Texas Instruments TLV71718PDQNR Datasheet HTML 12Page - Texas Instruments TLV71718PDQNR Datasheet HTML 13Page - Texas Instruments TLV71718PDQNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
TLV717P
SBVS176B – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TLV717P
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Shutdown
The enable pin (EN) is active high. The device is enabled when the voltage at the EN pin goes above 0.9 V. This
relatively lower voltage value required to turn the LDO on can be exploited to power the LDO with a GPIO of
recent processors whose GPIO logic 1 voltage level is lower than traditional microcontrollers. The device is
turned off when the EN pin is held at less than 0.4 V. When shutdown capability is not required, EN can be
connected to the IN pin.
7.3.3 Undervoltage Lockout (UVLO)
The TLV717P uses an undervoltage lockout circuit (UVLO = 1.6 V) to keep the output shut off until the internal
circuitry operates properly.
7.4 Device Functional Modes
7.4.1 Normal Operation
The device regulates to the nominal output voltage under the following conditions:
The input voltage has previously exceeded the UVLO rising voltage and has not decreased below the UVLO
falling threshold.
The input voltage is greater than the nominal output voltage added to the dropout voltage.
The enable voltage has previously exceeded the enable rising threshold voltage and not decreased below the
enable falling threshold.
The output current is less than the current limit.
7.4.2 Dropout Operation
If the input voltage is lower than the nominal output voltage plus the specified dropout voltage, but all other
conditions are met for normal operation, the device operates in dropout mode. In this condition, the output
voltage is the same the input voltage minus the dropout voltage. The transient performance of the device is
significantly degraded because the pass device is in a triode state and no longer controls the current through the
LDO. Line or load transients in dropout may result in large output voltage deviations.
7.4.3 Disabled
The device is disabled under the following conditions:
The input voltage is less than the UVLO falling voltage, or has not yet exceeded the UVLO rising threshold.
The enable voltage is less than the enable falling threshold voltage or has not yet exceeded the enable rising
threshold.
When the device is disabled, the active pulldown resistor discharges the output.
Table 1 lists the conditions that lead to the different modes of operation.
Table 1. Device Functional Mode Comparison
OPERATING MODE
PARAMETER
VIN
VEN
IOUT
Normal mode
VIN > VOUT(nom) + VDO
and VIN > UVLORISE
VEN > VEN(HI)
IOUT < ILIM
Dropout mode
UVLORISE < VIN < VOUT(nom) + VDO
VEN > VEN(HI)
IOUT < ILIM
Disabled mode
(any true condition disables
the device)
VIN < UVLOFALL
VEN < VEN(LO)


Similar Part No. - TLV71718PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71718PDQNR TI1-TLV71718PDQNR Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
More results

Similar Description - TLV71718PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869_11 Datasheet
530Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Rev 1; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com