Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV803 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV803
Description  3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV803 Datasheet(HTML) 2 Page - Texas Instruments

  TLV803 Datasheet HTML 1Page - Texas Instruments TLV803 Datasheet HTML 2Page - Texas Instruments TLV803 Datasheet HTML 3Page - Texas Instruments TLV803 Datasheet HTML 4Page - Texas Instruments TLV803 Datasheet HTML 5Page - Texas Instruments TLV803 Datasheet HTML 6Page - Texas Instruments TLV803 Datasheet HTML 7Page - Texas Instruments TLV803 Datasheet HTML 8Page - Texas Instruments TLV803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TLV810M, TLV810R
TLV810S, TLV810Z
SBVS158A
– APRIL 2011 – REVISED JUNE 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
THRESHOLD
PACKAGE-
PACKAGE
OPERATING
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
VOLTAGE
LEAD
DESIGNATOR
TEMPERATURE
MARKING
INFORMATION
QUANTITY
TLV810ZDBZR
Tape and Reel, 3000
TLV810Z
2.25 V
SOT23-3
DBZ
–40°C to +125°C
VOVQ
TLV810ZDBZT
Tape and Reel, 250
TLV810RDBZR
Tape and Reel, 3000
TLV810R
2.64 V
SOT23-3
DBZ
–40°C to +125°C
VOWQ
TLV810RDBZT
Tape and Reel, 250
TLV810SDBZR
Tape and Reel, 3000
TLV810S
2.93 V
SOT23-3
DBZ
–40°C to +125°C
VOXQ
TLV810SDBZT
Tape and Reel, 250
TLV810MDBZR
Tape and Reel, 3000
TLV810M
4.38 V
SOT23-3
DBZ
–40°C to +125°C
VOYQ
TLV810MDBZT
Tape and Reel, 250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or visit the
device product folders at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
MIN
MAX
UNIT
VDD
(2)
0
7
V
Voltage
All other pins(2)
–0.3
7
V
Maximum low output current, IOL
5
mA
Maximum high output current, IOH
–5
mA
Current
Input clamp current, IIK (VI < 0 or VI > VDD)
±20
mA
Output clamp current, IOK (VO < 0 or VO > VDD)
±20
mA
Operating free-air temperature range, TA
–40
+125
°C
Temperature
Storage temperature range, Tstg
–65
+150
°C
Soldering temperature
+260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation the device should not be operated at 7 V for more than t = 1000h
continuously.
THERMAL INFORMATION
TLV810
THERMAL METRIC(1)
DBZ
UNITS
3 PINS
θJA
Junction-to-ambient thermal resistance
286.9
θJCtop
Junction-to-case (top) thermal resistance
105.6
θJB
Junction-to-board thermal resistance
124.4
°C/W
ψJT
Junction-to-top characterization parameter
25.8
ψJB
Junction-to-board characterization parameter
107.9
θJCbot
Junction-to-case (bottom) thermal resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TLV803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV803 TI1-TLV803 Datasheet
913Kb / 20P
[Old version datasheet]   3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803 TI1-TLV803 Datasheet
816Kb / 15P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803 TI1-TLV803 Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803E TI-TLV803E Datasheet
2Mb / 48P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
MAY 2021
TLV803E TI-TLV803E Datasheet
2Mb / 49P
[Old version datasheet]   TLV803E, TLV809E, TLV810E Low Power 250-nA IQ and Small Size Supply Voltage Supervisors
REVISED MAY 2021
More results

Similar Description - TLV803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV810M TI1-TLV810M Datasheet
416Kb / 14P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-High, Push-Pull Reset
TLV803M TI1-TLV803M_13 Datasheet
816Kb / 15P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803 TI1-TLV803_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803M TI1-TLV803M Datasheet
607Kb / 16P
[Old version datasheet]   3-Pin Voltage Supervisors with Active-Low, Open-Drain Reset
TLV803 TI1-TLV803_15 Datasheet
913Kb / 20P
[Old version datasheet]   3Pin Voltage Supervisors with Active-Low, Open-Drain Reset
logo
Alliance Semiconductor ...
ASM1812 ALSC-ASM1812 Datasheet
231Kb / 9P
   Low Power 5V uP Reset Active HIGH, Push-Pull Output
logo
Maxim Integrated Produc...
MAX16143 MAXIM-MAX16143 Datasheet
219Kb / 14P
   High-Voltage Supervisors with Manual Reset Input
2021
logo
Alliance Semiconductor ...
ASM1817 ALSC-ASM1817 Datasheet
232Kb / 9P
   Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
logo
Dallas Semiconductor
DS1812 DALLAS-DS1812 Datasheet
41Kb / 5P
   5V EconoReset with Active High Push-Pull Output
logo
Maxim Integrated Produc...
DS1812 MAXIM-DS1812 Datasheet
119Kb / 5P
   5V EconoReset with Active High Push-Pull Output
041002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com