Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73311PDQNT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV73311PDQNT
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV73311PDQNT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV73311PDQNT Datasheet HTML 5Page - Texas Instruments TLV73311PDQNT Datasheet HTML 6Page - Texas Instruments TLV73311PDQNT Datasheet HTML 7Page - Texas Instruments TLV73311PDQNT Datasheet HTML 8Page - Texas Instruments TLV73311PDQNT Datasheet HTML 9Page - Texas Instruments TLV73311PDQNT Datasheet HTML 10Page - Texas Instruments TLV73311PDQNT Datasheet HTML 11Page - Texas Instruments TLV73311PDQNT Datasheet HTML 12Page - Texas Instruments TLV73311PDQNT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
VOUT (1 V/div,
AC Coupled)
Time (20 µs/div)
VIN (2 V/div)
VOUT (1 V/div,
AC Coupled)
Time (20 µs/div)
VIN (2 V/div)
Frequency (Hz)
10 20
50 100
1000
10000
100000
1000000
0
20
40
60
80
D017
No Output Capacitor
1 PF Output Capacitor
Frequency (Hz)
10 20
50 100
1000
10000
100000
1000000
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
D016
VOUT = 1 V
VOUT = 1.8 V
VOUT = 3.3 V
Foldback Current Limit (mA)
150
200
250
300
350
400
450
500
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
D021
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Foldback Current Limit (mA)
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
3.5
D022
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
9
TLV733P
www.ti.com
SBVS235B – OCTOBER 2014 – REVISED NOVEMBER 2015
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted)
TLV73318PDBV
Figure 19. 1.8-V Foldback Current Limit vs
IOUT and Temperature
TLV73333PDBV
Figure 20. 3.3-V Foldback Current Limit vs
IOUT and Temperature
TLV73318PDQN, IOUT = 300 mA
Figure 21. Power-Supply Rejection Ratio vs Frequency
IOUT = 300 mA
Figure 22. Output Spectral Noise Density
TLV73318PDBV, IOUT = 10 mA, 1-µF output capacitor
Figure 23. Line Transient
TLV73318PDBV, IOUT = 300 mA, 1-µF output capacitor
Figure 24. Line Transient


Similar Part No. - TLV73311PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV73311PQDBVRQ1 TI1-TLV73311PQDBVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73311PQDRVRQ1 TI1-TLV73311PQDRVRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73311PQDRVRQ1 TI1-TLV73311PQDRVRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73311PQDRVRQ1 TI1-TLV73311PQDRVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results

Similar Description - TLV73311PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P TI-TLV733P Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com