Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV71721PDQNT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71721PDQNT
Description  TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71721PDQNT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV71721PDQNT Datasheet HTML 2Page - Texas Instruments TLV71721PDQNT Datasheet HTML 3Page - Texas Instruments TLV71721PDQNT Datasheet HTML 4Page - Texas Instruments TLV71721PDQNT Datasheet HTML 5Page - Texas Instruments TLV71721PDQNT Datasheet HTML 6Page - Texas Instruments TLV71721PDQNT Datasheet HTML 7Page - Texas Instruments TLV71721PDQNT Datasheet HTML 8Page - Texas Instruments TLV71721PDQNT Datasheet HTML 9Page - Texas Instruments TLV71721PDQNT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Output Current (mA)
50
150
0.3
0.25
0.2
0.15
0.1
0.05
0
60
70
80
90
G005
+85 C
°
+25 C
°
-
°
40 C
100
130
140
120
110
Temperature( C)
°
-40
85
2.838
2.828
2.818
2.808
2.798
2.788
2.778
2.768
2.758
-27.5 -15 -2.5
10
G006
10mA
150mA
22.5
60
72.5
47.5
35
InputVoltage(V)
3
5.5
2.9
2.88
2.86
2.84
2.82
2.8
2.78
2.76
2.74
2.72
2.7
3.5
4
4.5
5
G003
+85 C
°
+25 C
°
-
°
40 C
I
=150mA
OUT
Fixed Output Voltage Versions (V)
1.5
5
0.3
0.25
0.2
0.15
0.1
2
2.5
3
3.5
G004
+85 C
°
+25 C
°
-
°
40 C
4
4.5
I
(mA)
OUT
0
200
2.9
2.88
2.86
2.84
2.82
2.8
2.78
2.76
2.74
2.72
2.7
20
40
60
80
100
G001
120
140
160
180
+85 C
°
+25 C
°
-
°
40 C
InputVoltage(V)
3
5.5
2.9
2.88
2.86
2.84
2.82
2.8
2.78
2.76
2.74
2.72
2.7
3.5
4
4.5
5
G002
+85 C
°
+25 C
°
-
°
40 C
I
=10mA
OUT
6
TLV717P
SBVS176B – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TLV717P
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
At operating temperature range (TJ = –40°C to 85°C), TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.7 V (whichever is greater), IOUT
= 10 mA, VEN = VIN, and COUT = 1 µF, unless otherwise noted.
Figure 1. Load Regulation
Figure 2. Line Regulation
Figure 3. Line Regulation
Figure 4. Dropout Voltage vs Fixed Output Voltage Versions
Figure 5. Dropout Voltage vs Output Current
Figure 6. Output Voltage vs Temperature


Similar Part No. - TLV71721PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71725PDBVR TI1-TLV71725PDBVR Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV71725PDBVT TI1-TLV71725PDBVT Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV71725PDQNR TI1-TLV71725PDQNR Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV71725PDQNT TI1-TLV71725PDQNT Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717285PDQNT TI1-TLV717285PDQNT Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
More results

Similar Description - TLV71721PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869_11 Datasheet
530Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Rev 1; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com