Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV71729PDQNT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71729PDQNT
Description  TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71729PDQNT Datasheet(HTML) 1 Page - Texas Instruments

  TLV71729PDQNT Datasheet HTML 1Page - Texas Instruments TLV71729PDQNT Datasheet HTML 2Page - Texas Instruments TLV71729PDQNT Datasheet HTML 3Page - Texas Instruments TLV71729PDQNT Datasheet HTML 4Page - Texas Instruments TLV71729PDQNT Datasheet HTML 5Page - Texas Instruments TLV71729PDQNT Datasheet HTML 6Page - Texas Instruments TLV71729PDQNT Datasheet HTML 7Page - Texas Instruments TLV71729PDQNT Datasheet HTML 8Page - Texas Instruments TLV71729PDQNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TLV717xx Series
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1 F
Ceramic
m
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV717P
SBVS176B – OCTOBER 2011 – REVISED APRIL 2016
TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
Devices
1
1 Features
1
Very Low Dropout: 215 mV at 150 mA
Accuracy: 0.5% (typical)
Low IQ: 35 µA
Available in Fixed-Output Voltages:
1.2 V to 5 V
High PSRR:
70 dB at 1 kHz
50 dB at 1 MHz
Stable With Effective Output Capacitance:
0.1 µF
Foldback Current Limit
Package: 1-mm × 1-mm DQN
(1)
See the Package Option Addendum at the end of this
document for a complete list of available voltage options.
(2)
See Input and Output Capacitor Requirements for more
details.
2 Applications
PCs and Notebooks
Smart Phones
Portable Electronics and Battery-Powered Devices
Electronic Point of Sale
3 Description
The TLV717P series of low-dropout (LDO) linear
regulators are low quiescent current LDOs with
excellent line and load transient performance and are
designed for power-sensitive applications. These
devices provide a typical accuracy of 0.5%.
The TLV717P series offer current foldback that
throttles down the output current with a decrease in
load resistance. The typical value at which current
foldback initiates is 350 mA; the typical value of the
output short current limit value is 40 mA.
Furthermore, these devices are stable with an
effective output capacitance of only 0.1 µF. This
feature enables the use of cost-effective capacitors
that have higher bias voltages and temperature
derating. The devices regulate to specified accuracy
with no output load.
The TLV717P series is available in a 1-mm × 1-mm
DQN package that makes them ideal for hand-held
applications.
The
TLV717P
provides
an
active
pulldown circuit to quickly discharge output loads.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV717P
X2SON (4)
1.00 mm × 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Similar Part No. - TLV71729PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71725PDBVR TI1-TLV71725PDBVR Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV71725PDBVT TI1-TLV71725PDBVT Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV71725PDQNR TI1-TLV71725PDQNR Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV71725PDQNT TI1-TLV71725PDQNT Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717285PDQNT TI1-TLV717285PDQNT Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
More results

Similar Description - TLV71729PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869_11 Datasheet
530Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Rev 1; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com