Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC283T-5G3 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC283T-5G3
Description  LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC283T-5G3 Datasheet(HTML) 2 Page - Texas Instruments

  UCC283T-5G3 Datasheet HTML 1Page - Texas Instruments UCC283T-5G3 Datasheet HTML 2Page - Texas Instruments UCC283T-5G3 Datasheet HTML 3Page - Texas Instruments UCC283T-5G3 Datasheet HTML 4Page - Texas Instruments UCC283T-5G3 Datasheet HTML 5Page - Texas Instruments UCC283T-5G3 Datasheet HTML 6Page - Texas Instruments UCC283T-5G3 Datasheet HTML 7Page - Texas Instruments UCC283T-5G3 Datasheet HTML 8Page - Texas Instruments UCC283T-5G3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
UCC283-3, UCC283-5, UCC283-ADJ, UCC383-3, UCC383-5, UCC383-ADJ
LOW DROPOUT 3A LINEAR REGULATOR FAMILY
SLUS215B − OCTOBER 1998 − REVISED FEBRUARY 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS(1)
OUTPUT VOLTAGE (V)
PACKAGE DEVICES
TA
OUTPUT VOLTAGE (V)
TO−263−3(2)
TO−263−5(2)
TO−220−3
TO−220−5
TA
MIN
TYP
MAX
TD
T
3.22
3.3
3.58
UCC283TD−3
UCC283T−3
−40
°C to 85°C
4.875
5.00
5.125
UCC283TD−5
UCC283T−5
−40 C to 85 C
ADJ
UCC283TD−ADJ
UCC283T−ADJ
3.22
3.3
3.58
UCC383TD−3
UCC383T−3
0
°C to 70°C
4.875
5.00
5.125
UCC383TD−5
UCC383T−5
0 C to 70 C
ADJ
UCC383TD−ADJ
UCC383T−ADJ
1. For more package and ordering information, see the Package Option Addendum located at the end of this data sheet.
2. For 50 piece reel, add KTTT (e.g., UCC283TDKTTT−3); for 500 piece reel, add TR (e.g., UCC283TDTR−3).
functional block diagram
VOUT
ADJ*
GND
R1
V
PUMP
UVLO
THERMAL
SHUTDOWN
REVERSE VOLTAGE
SENSE
3% DUTY CYCLE
CURRENT LIMIT TIMER
0.65 V
4 A/ 7 A CURRENT
REFERENCE
VIN
SD/CT*
UCC283−ADJ
UCC283−3
UCC283−5
R2
R1
0
OPEN
82k
50k
150k
50k
*5 LEADED VERSION ONLY (ADJ)
1.25 V
CURRENT LIMIT
R2
+
+
UDG−98133


Similar Part No. - UCC283T-5G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283T-5G3 TI1-UCC283T-5G3 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC283T-5G3

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com