Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC283T-ADJG3 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC283T-ADJG3
Description  LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC283T-ADJG3 Datasheet(HTML) 1 Page - Texas Instruments

  UCC283T-ADJG3 Datasheet HTML 1Page - Texas Instruments UCC283T-ADJG3 Datasheet HTML 2Page - Texas Instruments UCC283T-ADJG3 Datasheet HTML 3Page - Texas Instruments UCC283T-ADJG3 Datasheet HTML 4Page - Texas Instruments UCC283T-ADJG3 Datasheet HTML 5Page - Texas Instruments UCC283T-ADJG3 Datasheet HTML 6Page - Texas Instruments UCC283T-ADJG3 Datasheet HTML 7Page - Texas Instruments UCC283T-ADJG3 Datasheet HTML 8Page - Texas Instruments UCC283T-ADJG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
UCC283-3, UCC283-5, UCC283-ADJ, UCC383-3, UCC383-5, UCC383-ADJ
LOW DROPOUT 3A LINEAR REGULATOR FAMILY
SLUS215B − OCTOBER 1998 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Precision Positive Linear Series Pass
Voltage Regulation
D 0.45 V Dropout at 3 A
D 50 mV Dropout at 10 mA
D Quiescent Current Under 650 µA
Irrespective of Load
D Adjustable (5-Lead) Output Voltage Version
D Fixed (3-Lead) Versions for 3.3-V and 5-V
Outputs
D Logic Shutdown Capability
D Short-Circuit Power Limit of
(3%
× VIN × ISHORT)
D Low VOUT to VIN Reverse Leakage
D Thermal Shutdown
description
The UCC283−3/−5/−ADJ family of positive linear
series pass voltage regulators are tailored for
low-drop-out applications where low quiescent
power is important. Fabricated with a BiCMOS
technology ideally suited for low input-to-output
differential applications, the UCC283−5 passes
3 A while requiring only 0.45 V of typical input
voltage headroom (ensured 0.6-V dropout).
These regulators include reverse voltage sensing that prevents current in the reverse direction. Quiescent
current is always less than 650
µA. These devices have been internally compensated in such a way that the
need for a minimum output capacitor has been eliminated.
UCC283−3 and UCC283−5 versions are in 3-lead packages and have preset outputs at 3.3 V and 5.0 V
respectively. The output voltage is regulated to 1.5% at room temperature. The UCC283−ADJ version, in a
5-lead package, regulates the output voltage programmed by an external resistor ratio.
Short-circuit current is internally limited. The device responds to a sustained overcurrent condition by turning
off after a tON time delay. The device then stays off for a period, tOFF, that is 32 times the tON delay. The device
then begins pulsing on and off at the tON/(tON+tOFF) duty cycle of 3%. This drastically reduces the power
dissipation during short-circuit and means heat sinks need only accommodate normal operation. On the
3-leaded versions of the device tON is fixed at 750 µs, on the adjustable 5-leaded versions an external capacitor
sets the on time. The off time is always 32
× tON. The external timing control pin, CT, on the 5-leaded versions
also serves as a shutdown input when pulled low.
Internal power dissipation is further controlled with thermal overload protection circuitry. Thermal shutdown
occurs if the junction temperature exceeds 165
°C. The chip remains off until the temperature has dropped 20°C.
The UCC283 series is specified for operation over the industrial range of −40
°C to 85°C, and the UCC383 series
is specified from 0
°C to 70°C. These devices are available in 3- and 5-pin TO−220 and TO−263 power packages.
Copyright
 1998−2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
VOUT
GND
2
3
VIN
4
5
ADJ
CT
TO−263−5 TD PACKAGE
(FRONT VIEW)
TO−220−5 T PACKAGE
(FRONT VIEW)
1
VOUT
GND
2
3
VIN
+
4
5
ADJ
CT
TO−220−3 T PACKAGE
(FRONT VIEW)
1
VOUT
GND
2
3
VIN
+
TO−263−3 TD PACKAGE
(FRONT VIEW)
1
VOUT
GND
2
3
VIN
All trademarks are the property of their respective owners.


Similar Part No. - UCC283T-ADJG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283T-ADJG3 TI1-UCC283T-ADJG3 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC283T-ADJG3

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com