Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC381DP-5 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC381DP-5
Description  Low Dropout 1 Ampere Linear Regulator Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC381DP-5 Datasheet(HTML) 3 Page - Texas Instruments

  UCC381DP-5 Datasheet HTML 1Page - Texas Instruments UCC381DP-5 Datasheet HTML 2Page - Texas Instruments UCC381DP-5 Datasheet HTML 3Page - Texas Instruments UCC381DP-5 Datasheet HTML 4Page - Texas Instruments UCC381DP-5 Datasheet HTML 5Page - Texas Instruments UCC381DP-5 Datasheet HTML 6Page - Texas Instruments UCC381DP-5 Datasheet HTML 7Page - Texas Instruments UCC381DP-5 Datasheet HTML 8Page - Texas Instruments UCC381DP-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
UCC281-3/-5/-ADJ
UCC381-3/-5/-ADJ
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications hold for TA = 0
°C to 70°C for the
UCC381-X series and
−40°C to +85°C for the UCC283-X series, VIN =VOUT + 1.5V, IOUT = 0mA, COUT = 2.2µF. CT = 1500pF for
the UCC381-ADJ version and VOUT set to 5V. TJ = TA.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UCC381-3 Fixed 3.3V, 1A Family
Output Voltage
TJ = 25°C
3.25
3.3
3.35
V
Over Temperature
3.22
3.38
V
Line Regulation
VIN = 3.45V to 9V
1
3
mV
Load Regulation
IOUT = 0mA to 1A
2
5
mV
Dropout Voltage, VIN -VOUT
IOUT = 1A, VOUT = 3.15V, TA < 85°C
0.6
0.8
V
IOUT = 200mA, VOUT = 3.15V, TA < 85°C
100
200
mV
Peak Current Limit
VOUT = 0V
2
3.5
A
Overcurrent Threshold
1
1.8
A
Current Limit Duty Cycle
VOUT = 0V
3
5
%
Overcurrent Time Out, TON
VOUT = 0V
400
750
1600
µs
Quiescent Current
400
650
µA
Quiescent Current in Shutdown
VIN = 9V
10
25
µA
Shutdown Threshold
At CT Input
0.25
0.65
V
Reverse Leakage Current
1V < VIN <VOUT,VOUT < 3.35V, at VOUT
75
µA
UVLO Threshold
VIN where VOUT passes current
2.5
2.8
3.0
V
UCC381-ADJ Adjustable Output, 1A Family
Regulating Voltage at ADJ Input
TJ = 25°C
1.23
1.25
1.27
V
Over Temperature
1.22
1.28
V
Line Regulation, at ADJ Input
VIN =VOUT + 150mV to 9V
1
3
mV
Load Regulation, at ADJ Input
IOUT = 0mA to 1A
2
5
mV
Dropout Voltage, VIN -VOUT
IOUT = 1A, VOUT = 4.85V
0.5
0.6
V
IOUT = 200mA, VOUT = 4.85V
100
200
mV
Peak Current Limit
VOUT = 0V
2
3.5
A
Overcurrent Threshold
1
1.8
A
Current Limit Duty Cycle
VOUT = 0V
3
5
%
Overcurrent Time Out, TON
VOUT = 0V, CT = 1500pF
400
1000
1600
µs
Quiescent Current
400
650
µA
Quiescent Current in Shutdown
VIN = 9V
10
25
µA
Shutdown Threshold
At CT Input
0.25
0.65
V
Reverse Leakage Current
1V < VIN <VOUT,VOUT < 9V, at VOUT
100
µA
Bias Current at ADJ Input
100
250
nA
UVLO Threshold
VIN where VOUT passes current
2.5
2.8
3.0
V


Similar Part No. - UCC381DP-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC381DP-5 TI-UCC381DP-5 Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
More results

Similar Description - UCC381DP-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com